Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB182 Datasheet (PDF) - NXP Semiconductors

BB182 Datasheet PDF - NXP Semiconductors
Part # BB182
Download  BB182 Download
File Size   51.28 Kbytes
Page   6 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description VHF variable capacitance diode

BB182 Datasheet (PDF)

Go To PDF Page Download Datasheet
BB182 Datasheet PDF - NXP Semiconductors

Part # BB182
Download  BB182 Click to download

File Size   51.28 Kbytes
Page   6 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description VHF variable capacitance diode

BB182 Datasheet (HTML) - NXP Semiconductors


BB182 Product details

General description
The BB182 is a planar technology variable capacitance diode in a SOD523 (SC-79) ultra small plastic package. The excellent matching performance is achieved by gliding matching and a Direct Matching Assembly (DMA) procedure.

Features
■ High linearity
■ Excellent matching to 2 % DMA
■ Ultra small plastic SMD package
■ Cd(28V): 2.7 pF; Cd(1V) to Cd(28V) ratio: 22
■ Low series resistance

Applications
■ Electronic tuning in VHF television tuners, Band A up to 160 MHz
■ Voltage Controlled Oscillators (VCO)




Similar Part No. - BB182

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB182 PHILIPS-BB182 Datasheet
49Kb / 8P
VHF variable capacitance diode
1997 Nov 13
logo
Leshan Radio Company
BB182 LRC-BB182 Datasheet
141Kb / 2P
VHF variable capacitance diode
logo
NXP Semiconductors
BB182 NXP-BB182 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BB182 JMNIC-BB182 Datasheet
60Kb / 8P
VHF variable capacitance diode
logo
NXP Semiconductors
BB182.115 NXP-BB182.115 Datasheet
51Kb / 6P
VHF variable capacitance diode
Rev. 03-24 February 2009
More results


Similar Description - BB182

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB187 LRC-BB187 Datasheet
140Kb / 2P
VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
VHF variable capacitance diode
2002 Mar 05
BB181 NXP-BB181 Datasheet
226Kb / 6P
VHF variable capacitance diode
Rev. 02-2 January 2008
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-29 January 2009
logo
Quanzhou Jinmei Electro...
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
VHF variable capacitance diode
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-19 February 2009
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
VHF variable capacitance diode
logo
NXP Semiconductors
BB173 NXP-BB173 Datasheet
86Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com