Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLLS500 Datasheet (PDF) - Zetex Semiconductors

ZLLS500 Datasheet PDF - Zetex Semiconductors
Part # ZLLS500
Download  ZLLS500 Download
File Size   316.41 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE

ZLLS500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZLLS500 Datasheet PDF - Zetex Semiconductors

Part # ZLLS500
Download  ZLLS500 Click to download

File Size   316.41 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE

ZLLS500 Datasheet (HTML) - Zetex Semiconductors


ZLLS500 Product details

DESCRIPTION
This compact SOT23 packaged Schottky diode offers users an excellent performance combination comprising high current operation, extremely low leakage and low forward voltage ensuring suitability for applications requiring efficient operation at higher temperatures (above 85°C) see Operational efficiency chart on page 4.

FEATURES
• Extremely low leakage (10A @30V)
• High current capability (IF = 0.7A)
• Low VF, fast switching Schottky
• SOT23 package
• ZLLS500 complements low temperature equivalent ZHCS500
• Package thermally rated to 150°C

APPLICATIONS
• DC - DC converters
• Strobes
• Mobile phones
• Charging circuits
• Motor control




Similar Part No. - ZLLS500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS500 ZETEX-ZLLS500 Datasheet
306Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS500 DIODES-ZLLS500 Datasheet
315Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
MAY 2006
ZLLS500QTA DIODES-ZLLS500QTA Datasheet
480Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 1
logo
Zetex Semiconductors
ZLLS500TA ZETEX-ZLLS500TA Datasheet
306Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS500TA DIODES-ZLLS500TA Datasheet
315Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
MAY 2006
More results


Similar Description - ZLLS500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS1000 ZETEX-ZLLS1000 Datasheet
312Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS2000 ZETEX-ZLLS2000 Datasheet
287Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS400 ZETEX-ZLLS400 Datasheet
282Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS500 ZETEX-ZLLS500_06 Datasheet
306Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000 ZETEX-ZLLS1000_06 Datasheet
305Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS2000 ZETEX-ZLLS2000_07 Datasheet
159Kb / 7P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS400 DIODES-ZLLS400 Datasheet
288Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
JUNE 2004
ZLLS500 DIODES-ZLLS500 Datasheet
315Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
MAY 2006
ZLLS1000 DIODES-ZLLS1000 Datasheet
191Kb / 6P
40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
Rev 5
ZLLS2000 DIODES-ZLLS2000_16 Datasheet
349Kb / 5P
40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
Rev erse
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com