Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMC20 Datasheet (PDF) - Zetex Semiconductors

ZMC20 Datasheet PDF - Zetex Semiconductors
Part # ZMC20
Download  ZMC20 Download
File Size   18.33 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Current Sensor

ZMC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMC20 Datasheet PDF - Zetex Semiconductors

Part # ZMC20
Download  ZMC20 Click to download

File Size   18.33 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Current Sensor

ZMC20 Datasheet (HTML) - Zetex Semiconductors


ZMC20 Product details

FEATURES
• Package : mod. DIL-14
• A magnetic sensor chip (employing the magnetoresistive effect of thin film permalloy) measures the magnetic field generated by an internal current-carrying conductor
• measurable direct or alternating current IM up to 20A
• supply voltage 12 V
• no auxiliary field HX required
• it’s possible to overload the conductor (between pin’s 8,9,10 and 11,12,13) with 300A for 10 ms at Tamb = 20 °C




Similar Part No. - ZMC20

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMC20 DIOTEC-ZMC20 Datasheet
50Kb / 2P
Surface mount Zener Diodes
logo
Zetex Semiconductors
ZMC20 ZETEX-ZMC20 Datasheet
230Kb / 2P
Current Sensor
logo
Diotec Semiconductor
ZMC20 DIOTEC-ZMC20 Datasheet
93Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMC20 DIOTEC-ZMC20 Datasheet
91Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZMC20 SEMTECH_ELEC-ZMC20 Datasheet
251Kb / 2P
SILICON PLANAR ZENER DIODES
More results


Similar Description - ZMC20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
Current Sensor
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
CURRENT SENSOR
logo
CUI INC
CSXX05B CUI-CSXX05B Datasheet
340Kb / 4P
CURRENT SENSOR
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
CURRENT SENSOR
02/19/2020
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Littelfuse
SE-CS40 LITTELFUSE-SE-CS40 Datasheet
164Kb / 2P
Current Sensor
2015 Rev: 1-A-111215
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com