Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R2-40PS Datasheet (PDF) - NXP Semiconductors

PSMN2R2-40PS Datasheet PDF - NXP Semiconductors
Part # PSMN2R2-40PS
Download  PSMN2R2-40PS Download
File Size   213.05 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 40 V 2.1 m廓 standard level MOSFET

PSMN2R2-40PS Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN2R2-40PS Datasheet PDF - NXP Semiconductors

Part # PSMN2R2-40PS
Download  PSMN2R2-40PS Click to download

File Size   213.05 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 40 V 2.1 m廓 standard level MOSFET

PSMN2R2-40PS Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PSMN2R2-40PS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN2R2-40PS ISC-PSMN2R2-40PS Datasheet
304Kb / 2P
isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN2R2-40PS NEXPERIA-PSMN2R2-40PS Datasheet
749Kb / 13P
N-channel 40 V 2.1 mΩ standard level MOSFET
22 February 2013
logo
NXP Semiconductors
PSMN2R2-40PS PHILIPS-PSMN2R2-40PS_15 Datasheet
278Kb / 13P
N-channel 40 V 2.1 m廓 standard level MOSFET
22 February 2013
More results


Similar Description - PSMN2R2-40PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R3-40YS NXP-PSMN3R3-40YS Datasheet
255Kb / 15P
N-channel LFPAK 40 V 3.3 m廓 standard level MOSFET
Rev. 01-8 March 2010
PSMN2R0-30PL NXP-PSMN2R0-30PL Datasheet
220Kb / 13P
N-channel 30 V 2.1 m廓 logic level MOSFET
Rev. 01-24 June 2009
PSMN2R6-40YS NXP-PSMN2R6-40YS Datasheet
229Kb / 13P
N-channel LFPAK 40 V 2.8 m廓 standard level MOSFET
Rev. 01-23 June 2009
PSMN4R0-40YS NXP-PSMN4R0-40YS Datasheet
229Kb / 13P
N-channel LFPAK 40 V 4.2 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN4R5-40PS NXP-PSMN4R5-40PS Datasheet
239Kb / 13P
N-channel 40 V 4.6 m廓 standard level MOSFET
Rev. 02-25 June 2009
PSMN8R0-40PS NXP-PSMN8R0-40PS Datasheet
227Kb / 14P
N-channel 40 V 7.6 m廓 standard level MOSFET
Rev. 02-25 June 2009
PSMN014-40YS NXP-PSMN014-40YS Datasheet
250Kb / 15P
N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
Rev. 01-18 February 2010
PSMN2R2-40PS PHILIPS-PSMN2R2-40PS_15 Datasheet
278Kb / 13P
N-channel 40 V 2.1 m廓 standard level MOSFET
22 February 2013
logo
Nexperia B.V. All right...
BUK7K18-40E NEXPERIA-BUK7K18-40E Datasheet
744Kb / 13P
Dual N-channel 40 V, 19 m廓 standard level MOSFET
PSMN2R2-40PS NEXPERIA-PSMN2R2-40PS Datasheet
749Kb / 13P
N-channel 40 V 2.1 mΩ standard level MOSFET
22 February 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com