Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN050-80PS Datasheet (PDF) - NXP Semiconductors

PSMN050-80PS Datasheet PDF - NXP Semiconductors
Part # PSMN050-80PS
Download  PSMN050-80PS Download
File Size   224.8 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 80 V 50 m廓 standard level MOSFET

PSMN050-80PS Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN050-80PS Datasheet PDF - NXP Semiconductors

Part # PSMN050-80PS
Download  PSMN050-80PS Click to download

File Size   224.8 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 80 V 50 m廓 standard level MOSFET

PSMN050-80PS Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PSMN050-80PS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN050-80PS NEXPERIA-PSMN050-80PS Datasheet
343Kb / 15P
N-channel 80 V 46 mΩ standard level MOSFET
Rev. 2 - 28 November 2011
logo
Inchange Semiconductor ...
PSMN050-80PS ISC-PSMN050-80PS Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - PSMN050-80PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN5R0-80PS NXP-PSMN5R0-80PS Datasheet
232Kb / 13P
N-channel 80 V 4.7 m廓 standard level MOSFET
Rev. 02-23 June 2009
PSMN8R2-80YS NXP-PSMN8R2-80YS Datasheet
224Kb / 14P
N-channel LFPAK 80 V 8.5 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN012-80PS NXP-PSMN012-80PS Datasheet
229Kb / 13P
N-channel 80 V 11 m廓 standard level MOSFET
Rev. 02-25 June 2009
PSMN026-80YS NXP-PSMN026-80YS Datasheet
233Kb / 14P
N-channel LFPAK 80 V 27.5 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN011-80YS NXP-PSMN011-80YS Datasheet
248Kb / 14P
N-channel LFPAK 80 V 11 m廓 standard level MOSFET
Rev. 01-26 February 2010
PSMN045-80YS NXP-PSMN045-80YS Datasheet
265Kb / 14P
N-channel LFPAK 80 V 45 m廓 standard level MOSFET
Rev. 01-19 March 2010
PSMN018-80YS PHILIPS-PSMN018-80YS Datasheet
234Kb / 15P
N-channel LFPAK 80 V 18 m廓 standard level MOSFET
Rev. 02-28 October 2010
logo
Nexperia B.V. All right...
BUK7K15-80E NEXPERIA-BUK7K15-80E Datasheet
249Kb / 12P
Dual N-channel 80 V, 15 m廓 standard level MOSFET
BUK7K23-80E NEXPERIA-BUK7K23-80E Datasheet
261Kb / 12P
Dual N-channel 80 V, 23 m廓 standard level MOSFET
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com