Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRA245 Datasheet (PDF) - Zetex Semiconductors

ZRA245 Datasheet PDF - Zetex Semiconductors
Part # ZRA245
Download  ZRA245 Download
File Size   69.87 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PRECISION 2.45 VOLT VOLTAGE REFERENCE

ZRA245 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZRA245 Datasheet PDF - Zetex Semiconductors

Part # ZRA245
Download  ZRA245 Click to download

File Size   69.87 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PRECISION 2.45 VOLT VOLTAGE REFERENCE

ZRA245 Datasheet (HTML) - Zetex Semiconductors


ZRA245 Product details

DEVICE DESCRIPTION
The ZRA245 uses a bandgap circuit design to achieve a precision voltage reference of 2.45 volts. The device is available in small outline surface mount packages, ideal for applications where space saving is important.
The ZRA245 design provides a stable voltage without an external capacitor and is stable with capacitive loads. The ZRA245 is recommended for operation between 2mA and 120mA.

FEATURES
• Small outline SOT23, SO8 and TO92
   style package
• No stabilising capacitor required
• Typical TC 15ppm/°C
• Typical slope resistance 0.26Ω
• ± 3%, 2% and 1% tolerance
• Industrial temperature range
• Operating current 2mA to 120mA

APPLICATIONS
• Battery powered and portable equipment.
• Metering and measurement systems.
• Instrumentation.
• Test equipment.
• Data acquisition systems.
• Precision power supplies.




Similar Part No. - ZRA245

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRA245 ZETEX-ZRA245 Datasheet
180Kb / 5P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZRA245A01 ZETEX-ZRA245A01 Datasheet
180Kb / 5P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZRA245A02 ZETEX-ZRA245A02 Datasheet
180Kb / 5P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZRA245A03 ZETEX-ZRA245A03 Datasheet
180Kb / 5P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZRA245F01 ZETEX-ZRA245F01 Datasheet
180Kb / 5P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
More results


Similar Description - ZRA245

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR404 ZETEX-ZR404 Datasheet
58Kb / 4P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR458 ZETEX-ZR458 Datasheet
52Kb / 4P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA245 ZETEX-ZRA245_06 Datasheet
180Kb / 5P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
JANUARY 1996
ZR458 DIODES-ZR458 Datasheet
63Kb / 4P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
FEBRUARY 1998
ZR404 DIODES-ZR404 Datasheet
64Kb / 4P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
FEBRUARY 1998
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com