Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRB500 Datasheet (PDF) - Zetex Semiconductors

ZRB500 Datasheet PDF - Zetex Semiconductors
Part # ZRB500
Download  ZRB500 Download
File Size   143.56 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE

ZRB500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZRB500 Datasheet PDF - Zetex Semiconductors

Part # ZRB500
Download  ZRB500 Click to download

File Size   143.56 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE

ZRB500 Datasheet (HTML) - Zetex Semiconductors


ZRB500 Product details

Description
The ZRB500 uses a bandgap circuit design to achieve a precision micropower voltage reference of 5.0 volts. The device is available in small outline surface mount packages, ideal for applications where space saving is important, as well as packages for through hole requirements.

Features
• ± 3%, 2% and 1% tolerance
• Operating current 50μA to 15mA
• Typical TC 15ppm/°C
• Transient response, stable in less than 10μs
• Industrial temperature range
• Small outline SOT23 and TO92 style packages

Applications
• Battery powered and portable equipment
• Metering and measurement systems
• Instrumentation
• Test equipment
• Data acquisition systems
• Precision power supplies




Similar Part No. - ZRB500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
320Kb / 10P
Precision 5V micropower voltage reference
logo
Diodes Incorporated
ZRB500 DIODES-ZRB500 Datasheet
131Kb / 9P
PRECISION 5V MICROPOWER VOLTAGE REFERNCE
Rev 5
logo
Zetex Semiconductors
ZRB500A01 ZETEX-ZRB500A01 Datasheet
320Kb / 10P
Precision 5V micropower voltage reference
ZRB500A01STOA ZETEX-ZRB500A01STOA Datasheet
320Kb / 10P
Precision 5V micropower voltage reference
ZRB500A01STOB ZETEX-ZRB500A01STOB Datasheet
320Kb / 10P
Precision 5V micropower voltage reference
More results


Similar Description - ZRB500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-5.0 DIODES-ZR4040-5.0 Datasheet
175Kb / 4P
PRECISION 5.0 VOLT MICROPOWER
NOVEMBER 2002
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
JANUARY 1996
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
Rev Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com