Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT025 Datasheet (PDF) - Zetex Semiconductors

ZRT025 Datasheet PDF - Zetex Semiconductors
Part # ZRT025
Download  ZRT025 Download
File Size   162.94 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 2.5V LOW POWER PRECISION REFERENCE SOURCE

ZRT025 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZRT025 Datasheet PDF - Zetex Semiconductors

Part # ZRT025
Download  ZRT025 Click to download

File Size   162.94 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 2.5V LOW POWER PRECISION REFERENCE SOURCE

ZRT025 Datasheet (HTML) - Zetex Semiconductors


ZRT025 Product details

DEVICE DESCRIPTION
The ZRT025 is a monolithic integrated circuit providing a precise stable reference voltage of 2.5V at 500µA.
The circuit features a knee current of 150µA and operation over a wide range of temperatures and currents.
The ZRT025 is available in a 3-pin metal can package for through hole applications as well as SOT223 and SO8 packages for surface mount applications. Each package option offers a trim facility whereby the output voltage can be adjusted as shown in Fig.1. This facility is used when compensating for system errors or setting the reference output to a particular value. When the trim facility is not used, the pin should be left open circuit.

FEATURES
• Trimmable output
• Excellent temperature stability
• Low output noise figure
• Available in two temperature ranges
• 1 and 2% initial voltage tolerance versions available
• No external stabilising capacitor required in most cases
• Low slope resistance
• No derating required at low temperatures
• TO18 package
• SOT223 and SO8 small outline packages




Similar Part No. - ZRT025

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT025 ZETEX-ZRT025 Datasheet
169Kb / 5P
2.5V LOW POWERPRECISION REFERENCE SOURCE
logo
Diodes Incorporated
ZRT025 DIODES-ZRT025 Datasheet
179Kb / 5P
2.5V LOW POWERPRECISION REFERENCE SOURCE
DECEMBER 2003
logo
Zetex Semiconductors
ZRT025GA1TA ZETEX-ZRT025GA1TA Datasheet
169Kb / 5P
2.5V LOW POWERPRECISION REFERENCE SOURCE
logo
Diodes Incorporated
ZRT025GA1TA DIODES-ZRT025GA1TA Datasheet
179Kb / 5P
2.5V LOW POWERPRECISION REFERENCE SOURCE
DECEMBER 2003
logo
Zetex Semiconductors
ZRT025GC1TA ZETEX-ZRT025GC1TA Datasheet
169Kb / 5P
2.5V LOW POWERPRECISION REFERENCE SOURCE
More results


Similar Description - ZRT025

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT040 ZETEX-ZRT040 Datasheet
165Kb / 4P
4.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
5.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT100 ZETEX-ZRT100 Datasheet
171Kb / 4P
9.8V LOW POWER PRECISION REFERENCE SOURCE
ZRT025 ZETEX-ZRT025_03 Datasheet
169Kb / 5P
2.5V LOW POWERPRECISION REFERENCE SOURCE
ZRT040 ZETEX-ZRT040_03 Datasheet
169Kb / 5P
4.01V LOW POWER PRECISION REFERENCE SOURCE
ZRT050 ZETEX-ZRT050_03 Datasheet
175Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
ZRT062 ZETEX-ZRT062_03 Datasheet
174Kb / 5P
6.2V LOW POWER PRECISION REFERENCE SOURCE
ZRT100 ZETEX-ZRT100_03 Datasheet
175Kb / 5P
9.8V LOW POWER PRECISION REFERENCE SOURCE
logo
Diodes Incorporated
ZRT025 DIODES-ZRT025 Datasheet
179Kb / 5P
2.5V LOW POWERPRECISION REFERENCE SOURCE
DECEMBER 2003
ZRT040 DIODES-ZRT040 Datasheet
176Kb / 5P
4.01V LOW POWER PRECISION REFERENCE SOURCE
DECEMBER 2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com