Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF888 Datasheet (PDF) - NXP Semiconductors

BLF888 Datasheet PDF - NXP Semiconductors
Part # BLF888
Download  BLF888 Download
File Size   435.75 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UHF power LDMOS transistor

BLF888 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLF888 Datasheet PDF - NXP Semiconductors

Part # BLF888
Download  BLF888 Click to download

File Size   435.75 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UHF power LDMOS transistor

BLF888 Datasheet (HTML) - NXP Semiconductors


BLF888 Product details

General description
A 500 W LDMOS RF power transistor for broadcast transmitter applications and industrial applications. The transistor is optimized for digital applications and can deliver 110 W average DVB-T broadband over the full UHF band from 470 MHz to 860 MHz. The excellent ruggedness of this device makes it ideal for digital transmitter applications.

Features and benefits
■ 2-Tone performance at 860 MHz, a drain-source voltage VDS of 50 V and a quiescent drain
​​​​​​​    current IDq = 1.3 A:
    ◆ Peak envelope power load power = 500 W
    ◆ Power gain = 19 dB
    ◆ Drain efficiency = 46 %
    ◆ Third order intermodulation distortion = 32 dBc
■ DVB performance at 858 MHz, a drain-source voltage VDS of 50 V and a quiescent drain current IDq = 1.3 A:
    ◆ Average output power = 110 W
    ◆ Power gain = 19 dB
    ◆ Drain efficiency = 31 %
    ◆ Shoulder distance = 31 dBc (4.3 MHz from center frequency)
■ Integrated ESD protection
■ Advanced flange material for optimum thermal behavior and reliability
■ Excellent ruggedness
■ High power gain
■ High efficiency
■ Designed for broadband operation (470 MHz to 860 MHz)
■ Excellent reliability
■ Internal input matching for high gain and optimum broadband operation
■ Easy power control
■ Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances (RoHS)

Applications
■ Communication transmitter applications in the UHF band
■ Industrial applications in the UHF band




Similar Part No. - BLF888

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF888 PHILIPS-BLF888 Datasheet
173Kb / 17P
UHF power LDMOS transistor
Rev. 5-21 January 2011
BLF888 NXP-BLF888 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF888A PHILIPS-BLF888A Datasheet
443Kb / 17P
UHF power LDMOS transistor
Rev. 3-30 August 2011
BLF888A NXP-BLF888A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF888A AMPLEON-BLF888A Datasheet
1Mb / 17P
UHF power LDMOS transistor
Rev. 6 ??1 September 2015
More results


Similar Description - BLF888

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
UHF power LDMOS transistor
1999 Dec 06
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
UHF power LDMOS transistor
30-Jan-2006
logo
NXP Semiconductors
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
UHF power LDMOS transistor
Rev. 01-20 February 2006
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF4G10-120 PHILIPS-BLF4G10-120 Datasheet
115Kb / 14P
UHF power LDMOS transistor
Rev. 01-10 January 2006
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
UHF power LDMOS transistor
Rev. 3-7 December 2010
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF872_2015 JMNIC-BLF872_2015 Datasheet
159Kb / 16P
UHF power LDMOS transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com