Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSD100 Datasheet (PDF) - Zetex Semiconductors

ZSD100 Datasheet PDF - Zetex Semiconductors
Part # ZSD100
Download  ZSD100 Download
File Size   88.18 Kbytes
Page   8 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER

ZSD100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSD100 Datasheet PDF - Zetex Semiconductors

Part # ZSD100
Download  ZSD100 Click to download

File Size   88.18 Kbytes
Page   8 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER

ZSD100 Datasheet (HTML) - Zetex Semiconductors


ZSD100 Product details

INTRODUCTION

The ZSD100 is a frequency swept alarm signal generator designed specifically for static and automotive security alarm systems. One ZSD100, two timing capacitors, an in-expensive TO92 darlington, piezo transducer and coupling transformer is all that is necessary to produce an ear piercing 120 dB alarm siren.



FEATURES

• 4-18V Operating voltage range.

• Small external component count.

• Direct drive of darlington, mosfet and IGBT output stages.

• Single ended or push-pull output stages.

• Suitable for automotive and static alarm systems.

• Low supply current - 10mA operating

   - 1µA sleep mode

• Low cost 8 pin DIL & SO packages.

• User selected audio and sweep frequencies.

• -40°C to 125°C operating temperature range.

• Choice of modulation waveform.



 




Similar Part No. - ZSD100

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSD100 ZETEX-ZSD100 Datasheet
155Kb / 8P
AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
logo
Diodes Incorporated
ZSD100 DIODES-ZSD100 Datasheet
162Kb / 8P
AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
JUNE 2007
logo
Red Lion Controls. Inc
ZSD1000A REDLION-ZSD1000A Datasheet
79Kb / 1P
MODEL ZSD - 0.25 SHAFT STANDARD SERVO MOUNT ROTARY PULSE GENERATOR
logo
Zetex Semiconductors
ZSD100D8 ZETEX-ZSD100D8 Datasheet
155Kb / 8P
AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
ZSD100N8 ZETEX-ZSD100N8 Datasheet
155Kb / 8P
AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
More results


Similar Description - ZSD100

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSD100 ZETEX-ZSD100_06 Datasheet
155Kb / 8P
AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
logo
Projects Unlimited, Inc...
AW-10FW PUI-AW-10FW Datasheet
191Kb / 1P
Siren
AW-15SBR-120 PUI-AW-15SBR-120 Datasheet
97Kb / 1P
Siren
VW-05MR-RL PUI-VW-05MR-RL Datasheet
83Kb / 1P
SIREN
logo
Diodes Incorporated
ZSD100 DIODES-ZSD100 Datasheet
162Kb / 8P
AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
JUNE 2007
logo
CUI INC
CPS-4242-100T CUI-CPS-4242-100T Datasheet
1Mb / 4P
SIREN
01/22/2020
CPS-8542-110PM CUI-CPS-8542-110PM Datasheet
281Kb / 4P
SIREN
01/22/2020
CPS-5248-105PM CUI-CPS-5248-105PM Datasheet
295Kb / 4P
SIREN
01/22/2020
logo
CUI Devices
CPS-105110-108SPM CUID-CPS-105110-108SPM Datasheet
284Kb / 4P
SIREN
08/05/2022
CPS-5952-105PM CUID-CPS-5952-105PM Datasheet
297Kb / 4P
SIREN
08/05/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com