Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR30 Datasheet (PDF) - NXP Semiconductors

BSR30 Datasheet PDF - NXP Semiconductors
Part # BSR30
Download  BSR30 Download
File Size   118.75 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP medium power transistors

BSR30 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSR30 Datasheet PDF - NXP Semiconductors

Part # BSR30
Download  BSR30 Click to download

File Size   118.75 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP medium power transistors

BSR30 Datasheet (HTML) - NXP Semiconductors


BSR30 Product details

DESCRIPTION
PNP medium power transistor in a SOT89 plastic package.
NPN complements: BSR40; BSR41 and BSR43.

FEATURES
• High current (max. 1 A)
• Low voltage (max. 80 V).

APPLICATIONS
• Telephony and general industrial applications
• Thick and thin-film circuits.




Similar Part No. - BSR30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR30 PHILIPS-BSR30 Datasheet
41Kb / 8P
PNP medium power transistors
1999 Apr 26
logo
Zetex Semiconductors
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
BSR30 KEXIN-BSR30 Datasheet
38Kb / 2P
PNP Medium Power Transistors
logo
Nexperia B.V. All right...
BSR30 NEXPERIA-BSR30 Datasheet
181Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
logo
Diodes Incorporated
BSR30 DIODES-BSR30 Datasheet
26Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
JUNE 1996
More results


Similar Description - BSR30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
PNP MEDIUM POWER TRANSISTORS
Apr-2002
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
Medium Power PNP Transistors
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
MEDIUM POWER PNP TRANSISTORS
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
PNP medium power transistors
1999 Apr 26
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com