Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS06 Datasheet (PDF) - Abracon Corporation

ABS06 Datasheet PDF - Abracon Corporation
Part # ABS06
Download  ABS06 Download
File Size   828.52 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 32.768kHz SMD LOW PROFILE CRYSTAL

ABS06 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABS06 Datasheet PDF - Abracon Corporation

Part # ABS06
Download  ABS06 Click to download

File Size   828.52 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 32.768kHz SMD LOW PROFILE CRYSTAL

ABS06 Datasheet (HTML) - Abracon Corporation


ABS06 Product details

FEATURES:
• Smallest industry package size for 32.768kHz crystals
• 0.6mm height ideal for high density circuit boards
• Ceramic package offers excellent environmental & heat resistance
• Extended temperature -40°C to +85°C for industrial applications

APPLICATIONS:
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Automotive electronics applications
• Wireless communications
• PDA and Palm Pilots




Similar Part No. - ABS06

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
ABS06 CHONGQING-ABS06 Datasheet
216Kb / 2P
SINGLE PHASE1.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Abracon Corporation
ABS06-107-32.768KHZ-T ABRACON-ABS06-107-32.768KHZ-T Datasheet
841Kb / 4P
SMD Low ESR Crystal
07.11.13
ABS06-107-32768KHZ-T ABRACON-ABS06-107-32768KHZ-T Datasheet
884Kb / 5P
0.6mm max. height ideal for high density circuit boards
07.11.13
ABS06-127-32.768KHZ-T ABRACON-ABS06-127-32.768KHZ-T Datasheet
592Kb / 3P
SMD LOW PROFILE CRYSTAL
03.09.2018
ABS06-32.768KHZ-T ABRACON-ABS06-32.768KHZ-T Datasheet
892Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
07.29.11
More results


Similar Description - ABS06

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS07 ABRACON-ABS07 Datasheet
237Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
ABS09 ABRACON-ABS09 Datasheet
245Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
ABS13 ABRACON-ABS13 Datasheet
230Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
07.11.07
ABS25 ABRACON-ABS25 Datasheet
253Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
07.11.07
ABS09 ABRACON-ABS09_08 Datasheet
733Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
09.24.08
ABS06-32.768KHZ-T ABRACON-ABS06-32.768KHZ-T Datasheet
892Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
07.29.11
ABS07 ABRACON-ABS07_13 Datasheet
1Mb / 3P
32.768kHz SMD LOW PROFILE CRYSTAL
04.03.13
ABS05 ABRACON-ABS05 Datasheet
2Mb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
06.03.15
ABS06 ABRACON-ABS06_15 Datasheet
1Mb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
04.09.15
ABS06L ABRACON-ABS06L Datasheet
1Mb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
09.21.14
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com