Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS311PT Datasheet (PDF) - Honeywell Solid State Electronics Center

SS311PT Datasheet PDF - Honeywell Solid State Electronics Center
Part # SS311PT
Download  SS311PT Download
File Size   203.29 Kbytes
Page   4 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Bipolar Hall-Effect Digital Position Sensors with Built-in Pull-up Resistor

SS311PT Datasheet (PDF)

Go To PDF Page Download Datasheet
SS311PT Datasheet PDF - Honeywell Solid State Electronics Center

Part # SS311PT
Download  SS311PT Click to download

File Size   203.29 Kbytes
Page   4 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Bipolar Hall-Effect Digital Position Sensors with Built-in Pull-up Resistor

SS311PT Datasheet (HTML) - Honeywell Solid State Electronics Center


SS311PT Product details

DESCRIPTION

The SS311PT/SS411P sensors are small, versatile digital Hall effect devices that are operated by the magnetic field from a permanent magnet or an electromagnet, designed to respond to alternating North and South poles.

These bipolar sensors have enhanced sensitivity which allows for the use of smaller, often less expensive magnets. The internal pull-up resistor often eliminates the need for external components, further helping to reduce system cost. These economical bipolar sensors are suited for many simple, high volume, cost-sensitive, rotary sensing applications.



FEATURES

• Subminiature, SOT-23 surface mount package (SS311PT) supplied on tape and reel allows for a compact design with automated component placement, helping to reduce manufacturing costs

• Small, leaded, flat TO-92 package (SS411P) often allows for more space on the PCB

• Sensitive, bipolar magnetics respond to alternating North and South poles, making these products suited for speed sensing and RPM measurement

• Built-in pull-up resistor can easily interface with common electronic circuits without adding external components, helping to reduce total system cost

• RoHS-compliant materials meet Directive 002/95/EC



POTENTIAL APPLICATIONS

Transportation:

• Speed and RPM (revolutions per minute) sensing

• Tachometer, counter pickup

• Motor and fan control

• Brushless dc motor control



Industrial and Commercial:

• Speed and RPM (revolutions per minute) sensing

• Tachometer, counter pickup

• Flow-rate sensing

• Brushless dc (direct current) motor commutation

• Motor and fan control

• Robotics control




Similar Part No. - SS311PT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS311PT HONEYWELL-SS311PT Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results


Similar Description - SS311PT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS345PT HONEYWELL-SS345PT Datasheet
431Kb / 4P
Unipolar Hall-Effect Digital Position Sensors With Built-in Pull-up Resistor
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
logo
Honeywell Accelerometer...
SS360PT HONEYWELL-ACC-SS360PT Datasheet
772Kb / 5P
High Sensitivity Latching Digital Hall-Effect Sensor ICs with Built-in Pull-up Resistor
logo
Diodes Incorporated
AH41 DIODES-AH41 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
Rev 1
logo
Winson Semiconductor Co...
WSH132 WINSON-WSH132 Datasheet
203Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
WSH133 WINSON-WSH133 Datasheet
201Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
WSH132 WINSON-WSH132_17 Datasheet
190Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
WSH133 WINSON-WSH133_17 Datasheet
190Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
logo
DIWELL Electronics Co.,...
WSH132 DIWELL-WSH132 Datasheet
183Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
2017/4/7
WSH133 DIWELL-WSH133 Datasheet
184Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
2017/4/7
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com