Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2114 Datasheet (PDF) - NXP Semiconductors

LPC2114 Datasheet PDF - NXP Semiconductors
Part # LPC2114
Download  LPC2114 Download
File Size   182.91 Kbytes
Page   40 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC

LPC2114 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC2114 Datasheet PDF - NXP Semiconductors

Part # LPC2114
Download  LPC2114 Click to download

File Size   182.91 Kbytes
Page   40 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC

LPC2114 Datasheet (HTML) - NXP Semiconductors


LPC2114 Product details

General description

The LPC2114/2124 are based on a 16/32-bit ARM7TDMI-S CPU with real-time emulation and embedded trace support, together with 128/256 kB of embedded high-speed flash memory. A 128-bit wide memory interface and a unique accelerator architecture enable 32-bit code execution at maximum clock rate. For critical code size applications, the alternative 16-bit Thumb mode reduces code by more than 30 % with minimal performance penalty.



Features and benefits

Key features brought by LPC2114/2124/01 devices

■ Fast GPIO ports enable port pin toggling up to 3.5 times faster than the original device. They also allow for a port pin to be read at any time regardless of its function.

■ Dedicated result registers for ADC(s) reduce interrupt overhead. The ADC pads are 5 V tolerant when configured for digital I/O function(s).

■ UART0/1 include fractional baud rate generator, auto-bauding capabilities and handshake flow-control fully implemented in hardware.

■ Buffered SSP serial controller supporting SPI, 4-wire SSI, and Microwire formats.

■ SPI programmable data length and master mode enhancement.

■ Diversified Code Read Protection (CRP) enables different security levels to be implemented. This feature is available in LPC2114/2124/00 devices as well.

■ General purpose timers can operate as external event counters.



Key features common for all devices

■ 16/32-bit ARM7TDMI-S microcontroller in a tiny LQFP64 package.

■ 16 kB on-chip static RAM.

■ 128/256 kB on-chip flash program memory. 128-bit wide interface/accelerator enables high speed 60 MHz operation.

■ In-System Programming (ISP) and In-Application Programming (IAP) via on-chip bootloader software. Flash programming takes 1 ms per 512 B line. Single sector or full chip erase takes 400 ms.

■ EmbeddedICE-RT interface enables breakpoints and watch points. Interrupt service routines can continue to execute whilst the foreground task is debugged with the on-chip RealMonitor software.

■ Embedded Trace Macrocell (ETM) enables non-intrusive high speed real-time tracing of instruction execution.

■ Four-channel 10-bit ADC with conversion time as low as 2.44 s.

■ Two 32-bit timers (with four capture and four compare channels), PWM unit (six outputs), Real-Time Clock (RTC) and watchdog.

■ Multiple serial interfaces including two UARTs (16C550), Fast I2C-bus (400 kbit/s) and two SPIs.

■ 60 MHz maximum CPU clock available from programmable on-chip Phase-Locked Loop with settling time of 100s.

■ Vectored Interrupt Controller with configurable priorities and vector addresses.

■ Up to forty-six 5 V tolerant general purpose I/O pins. Up to nine edge or level sensitive external interrupt pins available.

■ On-chip crystal oscillator with an operating range of 1 MHz to 30 MHz.

■ Two low power modes, Idle and Power-down.

■ Processor wake-up from Power-down mode via external interrupt.

■ Individual enable/disable of peripheral functions for power optimization.

■ Dual power supply:

   ♦ CPU operating voltage range of 1.65 V to 1.95 V (1.8 V ± 0.15 V).

   ♦ I/O power supply range of 3.0 V to 3.6 V (3.3 V ± 10 %) with 5 V tolerant I/O pads. 16/32-bit ARM7TDMI-S processor.



 




Similar Part No. - LPC2114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2114 NXP-LPC2114 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114FBD01 NXP-LPC2114FBD01 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114FBD64 PHILIPS-LPC2114FBD64 Datasheet
161Kb / 34P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2114FBD64 NXP-LPC2114FBD64 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
More results


Similar Description - LPC2114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2194 PHILIPS-LPC2194 Datasheet
158Kb / 33P
Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 01-06 February 2004
LPC2119 PHILIPS-LPC2119 Datasheet
163Kb / 34P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 03-22 December 2004
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2109 NXP-LPC2109 Datasheet
194Kb / 44P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2109 NXP-LPC2109_11 Datasheet
298Kb / 46P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2212 NXP-LPC2212_11 Datasheet
359Kb / 47P
Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2109 PHILIPS-LPC2109_15 Datasheet
298Kb / 46P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2131 PHILIPS-LPC2131_15 Datasheet
402Kb / 45P
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com