Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPR4150AL Datasheet (PDF) - STMicroelectronics

LPR4150AL Datasheet PDF - STMicroelectronics
Part # LPR4150AL
Download  LPR4150AL Download
File Size   262.76 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor: dual-axis pitch and roll ±1500 dps analog gyroscope

LPR4150AL Datasheet (PDF)

Go To PDF Page Download Datasheet
LPR4150AL Datasheet PDF - STMicroelectronics

Part # LPR4150AL
Download  LPR4150AL Click to download

File Size   262.76 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor: dual-axis pitch and roll ±1500 dps analog gyroscope

LPR4150AL Datasheet (HTML) - STMicroelectronics


LPR4150AL Product details

Description
The LPR4150AL is a low-power dual-axis micromachined gyroscope capable of measuring angular rate along pitch and roll axes.
It provides excellent temperature stability and high resolution over an extended operating temperature range (-40 °C to +85 °C)
The LPR4150AL has a full scale of ±1500 dps and is capable of detecting rates with a -3 dB bandwidth up to 140 Hz.
The device includes a sensing element composed of a single driving mass, kept in continuous oscillation and capable of reacting, based on the Coriolis principle, when an angular rate is applied.

Features
■ 2.7 V to 3.6 V single-supply operation
■ Wide operating temperature range (-40 °C to +85 °C)
■ High stability over temperature
■ Analog absolute angular-rate outputs
■ Two separate outputs for each axis (1x and 4x amplified)
■ Integrated low-pass filters
■ Low power consumption
■ Embedded power-down
■ Embedded self-test
■ Sleep mode
■ High shock and vibration survivability
■ ECOPACK® RoHS and “Green” compliant (see Section 6)

Applications
■ Gaming applications
■ Pointing devices, remote and game controllers
■ Motion tracking with user interface
■ Industial and robotics




Similar Part No. - LPR4150AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPR4150AL STMICROELECTRONICS-LPR4150AL Datasheet
165Kb / 1P
STMICROELECTRONICS Analog ICs
More results


Similar Description - LPR4150AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPR430AL STMICROELECTRONICS-LPR430AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll 짹300 dps analog gyroscope
29-Oct-2009
LPR403AL STMICROELECTRONICS-LPR403AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±30 dps analog gyroscope
29-Oct-2009
LPR410AL STMICROELECTRONICS-LPR410AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±100 dps analog gyroscope
29-Oct-2009
LPR450AL STMICROELECTRONICS-LPR450AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±500 dps analog gyroscope
29-Oct-2009
LPR510AL STMICROELECTRONICS-LPR510AL Datasheet
226Kb / 12P
MEMS motion sensor: dual axis pitch and roll ±100°/s analog gyroscope
06-Jul-2009
LPR530AL STMICROELECTRONICS-LPR530AL Datasheet
225Kb / 12P
MEMS motion sensor: dual axis pitch and roll ±300°/s analog gyroscope
06-Jul-2009
LPR5150AL STMICROELECTRONICS-LPR5150AL Datasheet
226Kb / 12P
MEMS motion sensor: dual axis pitch and roll ±1500°/s analog gyroscope
06-Jul-2009
LPY410AL STMICROELECTRONICS-LPY410AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±100 dps analog gyroscope
29-Oct-2009
LPY430AL STMICROELECTRONICS-LPY430AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±300 dps analog gyroscope
29-Oct-2009
LPY450AL STMICROELECTRONICS-LPY450AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±500 dps analog gyroscope
29-Oct-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com