Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS3515VS Datasheet (PDF) - NXP Semiconductors

PBSS3515VS Datasheet PDF - NXP Semiconductors
Part # PBSS3515VS
Download  PBSS3515VS Download
File Size   309.62 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 15 V low VCE(sat) PNP double transistor

PBSS3515VS Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS3515VS Datasheet PDF - NXP Semiconductors

Part # PBSS3515VS
Download  PBSS3515VS Click to download

File Size   309.62 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 15 V low VCE(sat) PNP double transistor

PBSS3515VS Datasheet (HTML) - NXP Semiconductors


PBSS3515VS Product details

DESCRIPTION
PNP low VCEsat double transistor in a SOT666 plastic package.
NPN complement: PBSS2515VS.

FEATURES
• 300 mW total power dissipation
• Very small 1.6 × 1.2 mm ultra thin package
• Self alignment during soldering due to straight leads
• Low collector-emitter saturation voltage
• High current capability
• Improved thermal behaviour due to flat leads
• Replaces two SC75/SC89 packaged low VCEsat transistors on same PCB area
• Reduces required PCB area
• Reduced pick and place costs.

APPLICATIONS
• General purpose switching and muting
• Low frequency driver circuits
• LCD backlighting
• Audio frequency general purpose amplifier applications
• Battery driven equipment (mobile phones, video cameras and hand-held devices).




Similar Part No. - PBSS3515VS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS3515VS PHILIPS-PBSS3515VS Datasheet
68Kb / 12P
15 V low VCEsat PNP double transistor
2001 Nov 07
logo
Nexperia B.V. All right...
PBSS3515VS NEXPERIA-PBSS3515VS Datasheet
201Kb / 9P
15 V low VCEsat PNP double transistor
28 December 2022
More results


Similar Description - PBSS3515VS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
Low Vce(sat) PNP Transistor
TSB1424A TSC-TSB1424A Datasheet
71Kb / 3P
Low Vce(sat) PNP Transistor
logo
NXP Semiconductors
PBSS2515YPN PHILIPS-PBSS2515YPN Datasheet
99Kb / 11P
15 V low VCE(sat) NPN/PNP transistor
2005 Jan 11
PBSS2515VPN NXP-PBSS2515VPN Datasheet
174Kb / 11P
15 V low VCE(sat) NPN/PNP transistor
2005 Jan 11
PBSS2515VS NXP-PBSS2515VS Datasheet
149Kb / 9P
15 V low VCE(sat) NPN double transistor
2004 Dec 23
PBSS2515YPN NXP-PBSS2515YPN Datasheet
363Kb / 11P
15 V low VCE(sat) NPN/PNP transistor
2005 Jan 11
logo
Pan Jit International I...
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
PNP Low Vce(sat) Transistor
November 4,2016-REV.00
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
PNP Low Vce(sat) Transistor
January 18,2019-REV.00
PBHV9110DW-AU PANJIT-PBHV9110DW-AU Datasheet
408Kb / 6P
PNP Low Vce(sat) Transistor
January 18,2019-REV.00
logo
Nexperia B.V. All right...
PBSS2515VPN NEXPERIA-PBSS2515VPN Datasheet
387Kb / 12P
15 V low VCE(sat) NPN/PNP transistor
2005 Jan 11
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com