Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS3540M Datasheet (PDF) - NXP Semiconductors

PBSS3540M Datasheet PDF - NXP Semiconductors
Part # PBSS3540M
Download  PBSS3540M Download
File Size   317.8 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 0.5 A PNP low VCEsat (BISS) transistor

PBSS3540M Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS3540M Datasheet PDF - NXP Semiconductors

Part # PBSS3540M
Download  PBSS3540M Click to download

File Size   317.8 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 0.5 A PNP low VCEsat (BISS) transistor

PBSS3540M Datasheet (HTML) - NXP Semiconductors


PBSS3540M Product details

DESCRIPTION
Low VCEsat PNP transistor in a SOT883 leadless ultra small plastic package.
NPN complement: PBSS2540M.

FEATURES
• Low collector-emitter saturation voltage VCEsat
• High collector current capability IC and ICM
• High efficiency leading to reduced heat generation
• Reduced printed-circuit board requirements.

APPLICATIONS
• Power management:
   – DC-DC converter
   – Supply line switching
   – Battery charger
   – LCD backlighting.
• Peripheral driver:
   – Driver in low supply voltage applications (e.g. lamps
      and LEDs).
   – Inductive load drivers (e.g. relays, buzzers and
      motors).




Similar Part No. - PBSS3540M

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS3540M NEXPERIA-PBSS3540M Datasheet
510Kb / 10P
40 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Aug 12
PBSS3540MB NEXPERIA-PBSS3540MB Datasheet
1Mb / 12P
40 V, 0.5 A PNP low VCEsat (BISS) transistor
More results


Similar Description - PBSS3540M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS2540M PHILIPS-PBSS2540M Datasheet
73Kb / 9P
40 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Jul 22
PBSS3515E PHILIPS-PBSS3515E Datasheet
110Kb / 11P
15 V, 0.5 A PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
PBSS2540M NXP-PBSS2540M Datasheet
150Kb / 9P
40 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Jul 22
PBSS3515E NXP-PBSS3515E Datasheet
128Kb / 12P
15 V, 0.5 A PNP low VCEsat (BISS) transistor
Rev. 02-27 April 2009
logo
Nexperia B.V. All right...
PBSS2540MB NEXPERIA-PBSS2540MB Datasheet
1Mb / 12P
40 V, 0.5 A NPN low VCEsat (BISS) transistor
PBSS3540MB NEXPERIA-PBSS3540MB Datasheet
1Mb / 12P
40 V, 0.5 A PNP low VCEsat (BISS) transistor
PBSS2540M NEXPERIA-PBSS2540M Datasheet
182Kb / 10P
40 V, 0.5 A NPN low VCEsat (BISS) transistor
22 February 2018
PBSS3515E NEXPERIA-PBSS3515E Datasheet
243Kb / 13P
15 V, 0.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 27 April 2009
PBSS3515M NEXPERIA-PBSS3515M Datasheet
353Kb / 10P
15 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Jul 22
PBSS3540M NEXPERIA-PBSS3540M Datasheet
510Kb / 10P
40 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Aug 12
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com