Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS5540X Datasheet (PDF) - NXP Semiconductors

PBSS5540X Datasheet PDF - NXP Semiconductors
Part # PBSS5540X
Download  PBSS5540X Download
File Size   200.43 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 5 A PNP low VCEsat (BISS) transistor

PBSS5540X Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5540X Datasheet PDF - NXP Semiconductors

Part # PBSS5540X
Download  PBSS5540X Click to download

File Size   200.43 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 5 A PNP low VCEsat (BISS) transistor

PBSS5540X Datasheet (HTML) - NXP Semiconductors


PBSS5540X Product details

DESCRIPTION
PNP low VCEsat transistor in a medium power SOT89 (SC-62) package.
NPN complement: PBSS4540X.

FEATURES
• Low collector-emitter saturation voltage VCEsat
• High collector current capability: IC and ICM
• High efficiency leading to less heat generation.

APPLICATIONS
• Supply line switching circuits
• Battery management applications
• DC/DC converter applications
• Strobe flash units
• Medium power driver (e.g. relays, buzzers and motors).




Similar Part No. - PBSS5540X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540X PHILIPS-PBSS5540X Datasheet
100Kb / 13P
40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS5540X PHILIPS-PBSS5540X Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS5540X NEXPERIA-PBSS5540X Datasheet
239Kb / 13P
40 V, 5 A PNP low VCEsat (BISS) transistor
15 April 2020
logo
NXP Semiconductors
PBSS5540X PHILIPS-PBSS5540X_15 Datasheet
200Kb / 13P
PNP low VCEsat (BISS) transistor 40 V, 5 A
2004 Nov 04
More results


Similar Description - PBSS5540X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540X PHILIPS-PBSS5540X Datasheet
100Kb / 13P
40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS302PD PHILIPS-PBSS302PD Datasheet
134Kb / 14P
40 V PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
PBSS5140T NXP-PBSS5140T Datasheet
106Kb / 13P
40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04-29 July 2008
PBSS5140T PHILIPS-PBSS5140T_15 Datasheet
106Kb / 13P
40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04-29 July 2008
PBSS5240Z PHILIPS-PBSS5240Z_15 Datasheet
233Kb / 14P
40 V, 2 A PNP low VCEsat (BISS) transistor
15 October 2014
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
PBSS5540X PHILIPS-PBSS5540X_15 Datasheet
200Kb / 13P
PNP low VCEsat (BISS) transistor 40 V, 5 A
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS5240Z NEXPERIA-PBSS5240Z Datasheet
717Kb / 14P
40 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
PBSS5540X NEXPERIA-PBSS5540X Datasheet
239Kb / 13P
40 V, 5 A PNP low VCEsat (BISS) transistor
15 April 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com