Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8575DK Datasheet (PDF) - NXP Semiconductors

PCA8575DK Datasheet PDF - NXP Semiconductors
Part # PCA8575DK
Download  PCA8575DK Download
File Size   190.02 Kbytes
Page   30 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Remote 16-bit I/O expander for I2C-bus with interrupt

PCA8575DK Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA8575DK Datasheet PDF - NXP Semiconductors

Part # PCA8575DK
Download  PCA8575DK Click to download

File Size   190.02 Kbytes
Page   30 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Remote 16-bit I/O expander for I2C-bus with interrupt

PCA8575DK Datasheet (HTML) - NXP Semiconductors


PCA8575DK Product details

General description

The PCA8575 provides general purpose remote I/O expansion for most microcontroller families via the two-line bidirectional I2C-bus (serial clock (SCL), serial data (SDA)).

The device consists of a 16-bit quasi-bidirectional port and an I2C-bus interface. The PCA8575 has a low current consumption and includes latched outputs with high current drive capability for directly driving LEDs.



Features

400 kHz I2C-bus interface

2.3 V to 5.5 V operation with 5.5 V tolerant I/Os

16-bit remote I/O pins that default to inputs at power-up

Latched outputs with 25 mA sink capability for directly driving LEDs

Total package sink capability of 400 mA

Active LOW open-drain interrupt output

8 programmable slave addresses using 3 address pins

Readable device ID (manufacturer, device type, and revision)

Low standby current (10µA max.)

−40°C to +85°C operation

ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101

Latch-up testing is done to JEDEC standard JESD78 which exceeds 100 mA

Packages offered: SO24, SSOP24 (QSOP24), TSSOP24, HVQFN24, DHVQFN24



Applications

LED signs and displays

Servers

Industrial control

Medical equipment

PLCs

Cellular telephones

Gaming machines

Instrumentation and test measurement




Similar Part No. - PCA8575DK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8575DK PHILIPS-PCA8575DK Datasheet
179Kb / 30P
Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 01-30 November 2006
More results


Similar Description - PCA8575DK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
PCA8575 PHILIPS-PCA8575 Datasheet
179Kb / 30P
Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 01-30 November 2006
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9674 PHILIPS-PCA9674 Datasheet
194Kb / 34P
Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 02-12 October 2006
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA8574 NXP-PCA8574 Datasheet
159Kb / 27P
Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 02-14 May 2007
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCF8574T-3.518 NXP-PCF8574T-3.518 Datasheet
800Kb / 33P
Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 5-27 May 2013
logo
ON Semiconductor
PCA9655EDWR2G ONSEMI-PCA9655EDWR2G Datasheet
215Kb / 20P
Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com