Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9513A Datasheet (PDF) - NXP Semiconductors

PCA9513A Datasheet PDF - NXP Semiconductors
Part # PCA9513A
Download  PCA9513A Download
File Size   172.12 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Hot swappable I2C-bus and SMBus bus buffer

PCA9513A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9513A Datasheet PDF - NXP Semiconductors

Part # PCA9513A
Download  PCA9513A Click to download

File Size   172.12 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Hot swappable I2C-bus and SMBus bus buffer

PCA9513A Datasheet (HTML) - NXP Semiconductors


PCA9513A Product details

General description

The PCA9513A and PCA9514A are hot swappable I2C-bus and SMBus buffers that allow I/O card insertion into a live backplane without corrupting the data and clock buses. Control circuitry prevents the backplane from being connected to the card until a stop command or bus idle occurs on the backplane without bus contention on the card. When the connection is made, the PCA9513A and PCA9514A provides bidirectional buffering, keeping the backplane and card capacitances isolated.

Rise time accelerator circuitry allows the use of weaker DC pull-up currents while still meeting rise time requirements. The PCA9513A and PCA9514A incorporates a digital ENABLE input pin, which enables the device when asserted HIGH and forces the device into a Low current mode when asserted LOW, and an open-drain READY output pin, which indicates that the backplane and card sides are connected together (HIGH) or not (LOW).

The PCA9513A supplies a 92 µA current source to SCLIN and SDAIN pins in lieu of using pull-up resistors which is ideal for multidrop bus applications. Including the current source in the device provides for a consistent RC time constant as cards are removed and inserted into the backplane. The current source is high-impedance whenever the pin voltage is greater than the part VCC.

The PCA9513A and PCA9514A rise time accelerator threshold is 0.8 V to provide better noise margin over the PCA9511A which is set to 0.6 V.



Features

■ Bidirectional buffer for SDA and SCL lines increases fan-out and prevents SDA and SCL corruption during live board insertion and removal from multipoint backplane systems

■ Compatible with I2C-bus Standard mode, I2C-bus Fast mode, and SMBus standards

■ Built-in ∆V/∆t rise time accelerators on all SDA and SCL lines (0.8 V threshold) requires the bus pull-up voltage and supply voltage (VCC) to be the same

■ Rise time accelerator threshold moved from 0.6 V to 0.8 V for improved noise margin

■ Active HIGH ENABLE input

■ Active HIGH READY open-drain output

■ High-impedance SDAn and SCLn pins for VCC = 0 V

■ 92 µA current source on SCLIN and SDAIN for PICMG backplane applications (PCA9513A only)

■ Supports clock stretching and multiple master arbitration and synchronization

■ Operating power supply voltage range: 2.7 V to 5.5 V

■ 0 Hz to 400 kHz clock frequency

■ ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101

■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA

■ Packages offered: SO8, TSSOP8 (MSOP8)



Applications

■ cPCI, VME, AdvancedTCA cards and other multipoint backplane cards that are required to be inserted or removed from an operating system



 




Similar Part No. - PCA9513A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9513A PHILIPS-PCA9513A Datasheet
154Kb / 25P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9513A NXP-PCA9513A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9513AD PHILIPS-PCA9513AD Datasheet
154Kb / 25P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9513ADP PHILIPS-PCA9513ADP Datasheet
154Kb / 25P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Similar Description - PCA9513A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
TCA9511A Hot Swappable I2C Bus and SMBus Buffer
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
Hot Swappable I2C Bus/SMBus Buffer
December 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com