Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9519PW Datasheet (PDF) - NXP Semiconductors

PCA9519PW Datasheet PDF - NXP Semiconductors
Part # PCA9519PW
Download  PCA9519PW Download
File Size   121.88 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-channel level translating I2C-bus/SMBus repeater

PCA9519PW Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9519PW Datasheet PDF - NXP Semiconductors

Part # PCA9519PW
Download  PCA9519PW Click to download

File Size   121.88 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-channel level translating I2C-bus/SMBus repeater

PCA9519PW Datasheet (HTML) - NXP Semiconductors


PCA9519PW Product details

General description
The PCA9519 is a 4-channel level translating I2C-bus/SMBus repeater that enables the processor low voltage 2-wire serial bus to interface with standard I2C-bus or SMBus I/O. While retaining all the operating modes and features of the I2C-bus system during the level shifts, it also permits extension of the I2C-bus by providing bidirectional buffering for both the data (SDA) and the clock (SCL) lines, thus enabling the I2C-bus or SMBus maximum capacitance of 400 pF on the higher voltage side. The SDA and SCL pins are over-voltage tolerant and are high-impedance when the PCA9519 is unpowered.

Features and benefits
■ 4-channel (4 SCL/SDA pairs), bidirectional buffer isolates capacitance and allows 400 pF on port B of the device
■ Voltage level translation from port A (1 V to VCC(B)  1.5 V) to port B (3.0 V to 5.5 V)
■ Requires no external pull-up resistors on lower voltage port A
■ Active HIGH repeater enable input
■ Open-drain inputs/outputs
■ Lock-up free operation
■ Supports arbitration and clock stretching across the repeater
■ Accommodates Standard-mode and Fast-mode I2C-bus devices and multiple masters
■ Powered-off high-impedance I2C-bus pins
■ Operating supply voltage range of 1.0 V to VCC(B)  1.5 V on port A, 3.0 V to 5.5 V on port B
■ 5 V tolerant B-side SCL and SDA and enable pins
■ 50 ns glitch filter on B-side input
■ 0 Hz to 400 kHz clock frequency
    Remark: The maximum system operating frequency may be less than 400 kHz because of the delays added by the repeater.
■ ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
■ Packages offered: TSSOP20, HVQFN24




Similar Part No. - PCA9519PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9519PW PHILIPS-PCA9519PW Datasheet
108Kb / 17P
4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
More results


Similar Description - PCA9519PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Pericom Semiconductor C...
PI6ULS5V9627A PERICOM-PI6ULS5V9627A Datasheet
465Kb / 10P
4 Channel Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
Level translating I2C-bus/SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
TCA9509 Level-Translating I2C and SMBUS Bus Repeater
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com