Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9546A Datasheet (PDF) - NXP Semiconductors

PCA9546A Datasheet PDF - NXP Semiconductors
Part # PCA9546A
Download  PCA9546A Download
File Size   147.74 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-channel I2C-bus switch with reset

PCA9546A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9546A Datasheet PDF - NXP Semiconductors

Part # PCA9546A
Download  PCA9546A Click to download

File Size   147.74 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-channel I2C-bus switch with reset

PCA9546A Datasheet (HTML) - NXP Semiconductors


PCA9546A Product details

General description
The PCA9546A is a quad bidirectional translating switch controlled via the I2C-bus. The SCL/SDA upstream pair fans out to four downstream pairs, or channels. Any individual SCx/SDx channel or combination of channels can be selected, determined by the contents of the programmable control register.

Features
■ 1-of-4 bidirectional translating switches
■ I2C-bus interface logic; compatible with SMBus standards
■ Active LOW reset input
■ 3 address pins allowing up to 8 devices on the I2C-bus
■ Channel selection via I2C-bus, in any combination
■ Power-up with all switch channels deselected
■ Low Ron switches
■ Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
■ No glitch on power-up
■ Supports hot insertion
■ Low standby current
■ Operating power supply voltage range of 2.3 V to 5.5 V
■ 5 V tolerant Inputs
■ 0 Hz to 400 kHz clock frequency
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
■ Three packages offered: SO16, TSSOP16, and HVQFN16




Similar Part No. - PCA9546A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9546A PHILIPS-PCA9546A Datasheet
144Kb / 25P
4-channel I2C switch with reset
Rev. 03-6 April 2005
logo
Texas Instruments
PCA9546A TI-PCA9546A Datasheet
1Mb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A Datasheet
1,020Kb / 27P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A Datasheet
933Kb / 27P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A Datasheet
1Mb / 29P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
More results


Similar Description - PCA9546A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
4-channel I2C switch with reset
2004 Sep 30
PCA9546A PHILIPS-PCA9546A Datasheet
144Kb / 25P
4-channel I2C switch with reset
Rev. 03-6 April 2005
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
PCA9846PWJ NXP-PCA9846PWJ Datasheet
961Kb / 32P
4-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 1-9 November 2015
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
4-channel I2C-bus switch with interrupt logic and reset
NCT5946Y NUVOTON-NCT5946Y Datasheet
936Kb / 25P
4-channel I2C-bus switch with reset
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
8-channel I2C-bus switch with reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
logo
Diodes Incorporated
PI4MSD5V9546A DIODES-PI4MSD5V9546A Datasheet
1Mb / 14P
4 Channel I2C bus Switch with Reset
May 2023 Rev 1-2
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com