Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVR008S Datasheet (PDF) - Tyco Electronics

LVR008S Datasheet PDF - Tyco Electronics
Part # LVR008S
Download  LVR008S Download
File Size   91.62 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PolySwitch짰PTC Devices

LVR008S Datasheet (PDF)

Go To PDF Page Download Datasheet
LVR008S Datasheet PDF - Tyco Electronics

Part # LVR008S
Download  LVR008S Click to download

File Size   91.62 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PolySwitch짰PTC Devices

LVR008S Datasheet (HTML) - Tyco Electronics


LVR008S Product details

PolySwitch Resettable Devices
Radial-leaded Devices

Features
• Broadest range of radial-leaded resettable devices available in the industry
• Current ratings from 50mA to 15A
• Voltage ratings from 6V (computer and electronic applications) to 265VAC line voltage applications
• Agency recognition : UL, CSA, TÜV
• Fast time-to-trip
• Low resistance

Benefits
• Many product choices give engineers more design flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Higher voltage ratings allow use in new applications

Applications
• Satellite video receivers
• Industrial controls
• Transformers
• Computer motherboards
• Modems
• USB hub, ports and peripherals
• IEEE1394 ports
• CD-ROMs
• Game machines
• Battery packs
• Phones
• Fax machines
• Analog and digital line cards
• Printers




Similar Part No. - LVR008S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR008S MACOM-LVR008S Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
LVR008S MACOM-LVR008S Datasheet
408Kb / 27P
PolySwitch Resettable Devices
LVR008S-2 MACOM-LVR008S-2 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
More results


Similar Description - LVR008S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LR4-1300SSF MACOM-LR4-1300SSF Datasheet
47Kb / 1P
PolySwitch짰PTC Devices
SRP200 MACOM-SRP200 Datasheet
72Kb / 1P
PolySwitch짰PTC Devices
SRP420 MACOM-SRP420 Datasheet
73Kb / 1P
PolySwitch짰PTC Devices
TRF250-120T-B-0.5 MACOM-TRF250-120T-B-0.5 Datasheet
82Kb / 1P
PolySwitch짰PTC Devices
TRF250-183US MACOM-TRF250-183US Datasheet
87Kb / 1P
PolySwitch짰PTC Devices
TS250-130F-B-0.5 MACOM-TS250-130F-B-0.5 Datasheet
80Kb / 1P
PolySwitch짰PTC Devices
SMD030F MACOM-SMD030F Datasheet
34Kb / 1P
PolySwitch짰PTC Devices
SMD075F MACOM-SMD075F_1 Datasheet
33Kb / 1P
PolySwitch짰PTC Devices
VLR230UF MACOM-VLR230UF Datasheet
37Kb / 1P
PolySwitch짰PTC Devices
VLR170UF MACOM-VLR170UF Datasheet
37Kb / 1P
PolySwitch짰PTC Devices
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com