Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87180 Datasheet (PDF) - FCI connector

87180 Datasheet PDF - FCI connector
Part # 87180
Download  87180 Download
File Size   224.15 Kbytes
Page   2 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description LOW PROFILE PCB III HORZ MOD JACK, FOR 1.6MM P.C.B.

87180 Datasheet (PDF)

Go To PDF Page Download Datasheet
87180 Datasheet PDF - FCI connector

Part # 87180
Download  87180 Click to download

File Size   224.15 Kbytes
Page   2 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description LOW PROFILE PCB III HORZ MOD JACK, FOR 1.6MM P.C.B.

87180 Datasheet (HTML) - FCI connector




Similar Part No. - 87180

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8718 BELDEN-8718 Datasheet
164Kb / 2P
Electronic, 2 C #12 Str TC, PE Ins, OS, PVC Jkt, CL2
01-20-2023
logo
Christian Bürkert GmbH ...
8718 BURKERT-8718 Datasheet
1Mb / 12P
Liquid Flow Controller (LFC)
14.03.2022
logo
Belden Inc.
8718.0601000 BELDEN-8718.0601000 Datasheet
164Kb / 2P
Electronic, 2 C #12 Str TC, PE Ins, OS, PVC Jkt, CL2
01-20-2023
8718.0602000 BELDEN-8718.0602000 Datasheet
164Kb / 2P
Electronic, 2 C #12 Str TC, PE Ins, OS, PVC Jkt, CL2
01-20-2023
8718.060500 BELDEN-8718.060500 Datasheet
164Kb / 2P
Electronic, 2 C #12 Str TC, PE Ins, OS, PVC Jkt, CL2
01-20-2023
More results


Similar Description - 87180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6007-0402 ETC1-6007-0402 Datasheet
111Kb / 1P
6007 PCB Jack, Low Profile
logo
FCI connector
69255 FCI-CONNECTOR-69255 Datasheet
277Kb / 3P
8 POS VERTICAL P.C.B. MOD JACK ASSY
90598 FCI-CONNECTOR-90598 Datasheet
194Kb / 2P
8 POS VERT. SNAP PEG P.C.B. III MOD JACK ASSY
logo
Assmann Electronics Inc...
A-2004-2-4-LP-S-R ASSMANN-A-2004-2-4-LP-S-R Datasheet
232Kb / 1P
VERY LOW PROFILE PCB JACK
logo
Molex Electronics Ltd.
73415-5300 MOLEX11-73415-5300 Datasheet
34Kb / 1P
50 Ohms, MOD SMP Jack, Low Profile, SMT
0734155300 MOLEX11-0734155300 Datasheet
30Kb / 1P
50 Ohms, MOD SMP Jack, Low Profile, SMT
logo
Wurth Elektronik GmbH &...
60312202114514 WURTH-60312202114514 Datasheet
301Kb / 5P
SMA PCB End Launch Jack Flat Tab for 1.6mm PCB WR-SMA
001.001
logo
Electronic Components L...
FC68105 CLIFF-FC68105 Datasheet
499Kb / 1P
LOW PROFILE 2.5mm JACK PCB
15/11/17
logo
Wurth Elektronik GmbH &...
60312202114307 WURTH-60312202114307 Datasheet
292Kb / 5P
SMA PCB End Launch Jack SMT Edge Card for 1.6mm PCB WR-SMA
REVISION 001.000
60312202114509 WURTH-60312202114509 Datasheet
292Kb / 5P
SMA PCB End Launch Jack Round Post for 1.6mm PCB WR-SMA
REVISION 001.000
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com