Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8578 Datasheet (PDF) - NXP Semiconductors

PCF8578 Datasheet PDF - NXP Semiconductors
Part # PCF8578
Download  PCF8578 Download
File Size   284.32 Kbytes
Page   46 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LCD row/column driver for dot matrix graphic displays

PCF8578 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8578 Datasheet PDF - NXP Semiconductors

Part # PCF8578
Download  PCF8578 Click to download

File Size   284.32 Kbytes
Page   46 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LCD row/column driver for dot matrix graphic displays

PCF8578 Datasheet (HTML) - NXP Semiconductors


PCF8578 Product details

General description
The PCF8578 is a low power CMOS1 LCD row and column driver, designed to drive dot matrix graphic displays at multiplex rates of 1:8, 1:16, 1:24 or 1:32. The device has 40 outputs, of which 24 are programmable and configurable for the following ratios of rows/columns: 32⁄8, 24⁄16, 16⁄24 or 8⁄32. The PCF8578 can function as a stand-alone LCD controller and driver for use in small systems. For larger systems it can be used in conjunction with up to 32 PCF8579s for which it has been optimized. Together these two devices form a general purpose LCD dot matrix driver chip set, capable of driving displays of up to 40960 dots. The PCF8578 is compatible with most microcontrollers and communicates via a two-line bidirectional bus (I2C-bus). Communication overhead is minimized by a display RAM with auto-incremented addressing and display bank switching.

Features
■ Single chip LCD controller and driver
■ Stand-alone or may be used with up to 32 PCF8579s (40960 dots possible)
■ 40 driver outputs, configurable for several ratios of rows/columns: 32⁄8, 24⁄16, 16⁄24 or 8⁄32
■ Selectable multiplex rates: 1:8, 1:16, 1:24 or 1:32
■ Externally selectable bias configuration, 5 or 6 levels
■ 1280-bit RAM for display data storage and scratch pad
■ Display memory bank switching
■ Auto-incremented data loading across hardware subaddress boundaries (with PCF8579)
■ Provides display synchronization for PCF8579
■ On-chip oscillator, requires only 1 external resistor
■ Power-On Reset (POR) blanks display
■ Logic voltage supply range 2.5 V to 6 V
■ Maximum LCD supply voltage 9 V
■ Low power consumption
■ I2C-bus interface
■ Compatible with most microcontrollers
■ Optimized pinning for single plane wiring in multiple device applications (with PCF8579)
■ Space saving 56-lead small outline package and 64 pin quad flat pack

Applications
■ Automotive information systems
■ Telecommunication systems
■ Point-of-sale terminals
■ Industrial computer terminals
■ Instrumentation




Similar Part No. - PCF8578

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8578 PHILIPS-PCF8578 Datasheet
323Kb / 44P
LCD row/column driver for dot matrix graphic displays
1998 Sep 08
PCF8578 PHILIPS-PCF8578 Datasheet
261Kb / 48P
LCD row/column driver for dot matrix graphic displays
2003 Apr 14
PCF8578 NXP-PCF8578 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8578H PHILIPS-PCF8578H Datasheet
323Kb / 44P
LCD row/column driver for dot matrix graphic displays
1998 Sep 08
PCF8578H PHILIPS-PCF8578H Datasheet
261Kb / 48P
LCD row/column driver for dot matrix graphic displays
2003 Apr 14
More results


Similar Description - PCF8578

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8578 PHILIPS-PCF8578 Datasheet
323Kb / 44P
LCD row/column driver for dot matrix graphic displays
1998 Sep 08
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
LCD column driver for dot matrix graphic displays
1997 Apr 01
logo
Toshiba Semiconductor
T7932 TOSHIBA-T7932 Datasheet
887Kb / 20P
COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6A04A TOSHIBA-T6A04A Datasheet
307Kb / 25P
Column and Row Driver LSI for a Dot Matrix Graphic LCD
T6K14 TOSHIBA-T6K14 Datasheet
593Kb / 45P
COLUMN AND ROW DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6K01 TOSHIBA-T6K01 Datasheet
238Kb / 13P
COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6K41 TOSHIBA-T6K41 Datasheet
398Kb / 44P
Column and Row Driver LSI for a Dot Matrix Graphic LCD
T6B65AFG TOSHIBA-T6B65AFG Datasheet
472Kb / 15P
Column Driver LSI for Dot Matrix Graphic LCD?셲
logo
NXP Semiconductors
PCF8579 NXP-PCF8579 Datasheet
260Kb / 41P
LCD column driver for dot matrix graphic displays
Rev. 05-11 May 2009
PCF8578 PHILIPS-PCF8578_03 Datasheet
261Kb / 48P
LCD row/column driver for dot matrix graphic displays
2003 Apr 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com