Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85133 Datasheet (PDF) - NXP Semiconductors

PCF85133 Datasheet PDF - NXP Semiconductors
Part # PCF85133
Download  PCF85133 Download
File Size   210.86 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Universal LCD driver for low multiplex rates

PCF85133 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF85133 Datasheet PDF - NXP Semiconductors

Part # PCF85133
Download  PCF85133 Click to download

File Size   210.86 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Universal LCD driver for low multiplex rates

PCF85133 Datasheet (HTML) - NXP Semiconductors


PCF85133 Product details

General description
The PCF85133 is a peripheral device which interfaces to almost any Liquid Crystal Display (LCD)1 with low multiplex rates. It generates the drive signals for any static or multiplexed LCD containing up to four backplanes and up to 80 segments and can easily be cascaded for larger LCD applications. The PCF85133 is compatible with most microcontrollers and communicates via the two-line bidirectional I2C-bus. Communication overheads are minimized by a display RAM with auto-incremental addressing, by hardware subaddressing and by display memory switching (static and duplex drive modes).

Features and benefits
■ Single-chip LCD controller and driver
■ Selectable backplane drive configuration: static or 2, 3, or 4 backplane multiplexing
■ Selectable display bias configuration: static, 1⁄2, or 1⁄3
■ Selectable frame frequency: 82 Hz or 110 Hz
■ Internal LCD bias generation with voltage-follower buffers
■ 80 segment drives:
   ◆ Up to 40 7-segment numeric characters
   ◆ Up to 20 14-segment alphanumeric characters
   ◆ Any graphics of up to 320 elements
■ 80 x 4 bit RAM for display data storage
■ Auto-incremental display data loading across device subaddress boundaries
■ Display memory bank switching in static and duplex drive modes
■ Versatile blinking modes
■ Independent supplies possible for LCD and logic voltages
■ Wide power supply range: from 1.8 V to 5.5 V
■ Wide logic LCD supply range:
   ◆ From 2.5 V for low-threshold LCDs
   ◆ Up to 6.5 V for guest-host LCDs and high-threshold twisted nematic LCDs
■ Low power consumption
■ 400 kHz I2C-bus interface
■ May be cascaded for large LCD applications (up to 5120 elements possible)
■ May be cascaded with PCF8532 to gain more flexibility in the number of addressable segments
■ No external components required
■ Compatible with Chip-On-Glass (COG) technology
■ Manufactured using silicon gate CMOS process




Similar Part No. - PCF85133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85133 NXP-PCF85133 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCF85133U NXP-PCF85133U Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCF85133U NXP-PCF85133U Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCF85133U NXP-PCF85133U Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCF85133U NXP-PCF85133U Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
More results


Similar Description - PCF85133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8532 NXP-PCF8532 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-10 February 2009
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com