Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA144V Datasheet (PDF) - NXP Semiconductors

PDTA144V Datasheet PDF - NXP Semiconductors
Part # PDTA144V
Download  PDTA144V Download
File Size   122.21 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW

PDTA144V Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA144V Datasheet PDF - NXP Semiconductors

Part # PDTA144V
Download  PDTA144V Click to download

File Size   122.21 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW

PDTA144V Datasheet (HTML) - NXP Semiconductors


PDTA144V Product details

General description
PNP resistor-equipped transistors.

Features
■ Built-in bias resistors
■ Reduces component count
■ Simplifies circuit design
■ Reduces pick and place costs

Applications
■ General purpose switching and amplification
■ Circuit drivers
■ Inverter and interface circuits




Similar Part No. - PDTA144V

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA144V NEXPERIA-PDTA144V Datasheet
236Kb / 19P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
PDTA144VE NEXPERIA-PDTA144VE Datasheet
260Kb / 12P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PDTA144VE NEXPERIA-PDTA144VE Datasheet
236Kb / 19P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
PDTA144VK NEXPERIA-PDTA144VK Datasheet
260Kb / 12P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PDTA144VK NEXPERIA-PDTA144VK Datasheet
236Kb / 19P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
More results


Similar Description - PDTA144V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
PEMB16 NXP-PEMB16 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMB17 NXP-PEMB17 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03-1 September 2009
PEMB16_PUMB16 PHILIPS-PEMB16_PUMB16_15 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
logo
Nexperia B.V. All right...
PEMB16 NEXPERIA-PEMB16 Datasheet
339Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
PEMB17 NEXPERIA-PEMB17 Datasheet
186Kb / 12P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03 - 1 September 2009
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
PDTA144V_SER NEXPERIA-PDTA144V_SER Datasheet
236Kb / 19P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com