Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMX1 Datasheet (PDF) - NXP Semiconductors

PEMX1 Datasheet PDF - NXP Semiconductors
Part # PEMX1
Download  PEMX1 Download
File Size   108.64 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN general purpose double transistor

PEMX1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEMX1 Datasheet PDF - NXP Semiconductors

Part # PEMX1
Download  PEMX1 Click to download

File Size   108.64 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN general purpose double transistor

PEMX1 Datasheet (HTML) - NXP Semiconductors


PEMX1 Product details

DESCRIPTION
NPN double transistor pair in a SOT666 plastic package.
PNP complement: PEMT1.

FEATURES
• 300 mW total power dissipation
• Very small 1.6 mm x 1.2 mm ultra thin package
• Excellent coplanarity due to straight leads
• Replaces two SC-75/SC-89 packaged transistors on same PCB area
• Reduced required PCB area
• Reduced pick and place costs.

APPLICATIONS
• General purpose switching and amplification.




Similar Part No. - PEMX1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMX1 PHILIPS-PEMX1 Datasheet
47Kb / 8P
NPN general purpose double transistor
2001 Nov 07
logo
Nexperia B.V. All right...
PEMX1 NEXPERIA-PEMX1 Datasheet
178Kb / 7P
NPN/NPN general purpose double transistor
29 December 2022
More results


Similar Description - PEMX1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846S PHILIPS-BC846S Datasheet
50Kb / 8P
NPN general purpose double transistor
1999 Sep 01
BC847BS PHILIPS-BC847BS Datasheet
45Kb / 8P
NPN general purpose double transistor
1999 Apr 28
PEMX1 PHILIPS-PEMX1 Datasheet
47Kb / 8P
NPN general purpose double transistor
2001 Nov 07
PUMX1 PHILIPS-PUMX1 Datasheet
43Kb / 8P
NPN general purpose double transistor
1999 Apr 14
BC817DS PHILIPS-BC817DS Datasheet
66Kb / 8P
NPN general purpose double transistor
2002 Nov 22
logo
Guangdong Kexin Industr...
BCV61 KEXIN-BCV61 Datasheet
131Kb / 3P
NPN general purpose double transistor
logo
Nexperia B.V. All right...
BC846S-Q NEXPERIA-BC846S-Q Datasheet
222Kb / 11P
NPN general purpose double transistor
22 July 2021
BC846S NEXPERIA-BC846S Datasheet
233Kb / 9P
NPN general purpose double transistor
1 October 2022
BC847BV NEXPERIA-BC847BV Datasheet
191Kb / 8P
NPN general purpose double transistor
27 December 2022
PEMX1 NEXPERIA-PEMX1 Datasheet
178Kb / 7P
NPN/NPN general purpose double transistor
29 December 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com