Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH1955L Datasheet (PDF) - NXP Semiconductors

PH1955L Datasheet PDF - NXP Semiconductors
Part # PH1955L
Download  PH1955L Download
File Size   166.99 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel TrenchMOS logic level FET

PH1955L Datasheet (PDF)

Go To PDF Page Download Datasheet
PH1955L Datasheet PDF - NXP Semiconductors

Part # PH1955L
Download  PH1955L Click to download

File Size   166.99 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel TrenchMOS logic level FET

PH1955L Datasheet (HTML) - NXP Semiconductors


PH1955L Product details

General description
Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology. This product is designed and qualified for use in computing, communications, consumer and industrial applications only.

Features and benefits
■ Low conduction losses due to low
   on-state resistance
■ Suitable for logic level gate drive
   sources
■ Suitable for thermally demanding
   environments due to 175 °C rating

Applications
■ 12 V and 24 V loads
■ DC-to-DC convertors
■ General purpose power switching
■ Motors, lamps and solenoids




Similar Part No. - PH1955L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH1955L PHILIPS-PH1955L Datasheet
77Kb / 12P
Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
Rev. 01-15 August 2005
More results


Similar Description - PH1955L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
N-channel TrenchMOS logic level FET
5 October 2012
logo
Nexperia B.V. All right...
BUK9E2R8-60E NEXPERIA-BUK9E2R8-60E Datasheet
334Kb / 14P
N-channel TrenchMOS logic level FET
BUK9E4R9-60E NEXPERIA-BUK9E4R9-60E Datasheet
331Kb / 13P
N-channel TrenchMOS logic level FET
BUK951R6-30E NEXPERIA-BUK951R6-30E Datasheet
342Kb / 14P
N-channel TrenchMOS logic level FET
BUK952R3-40E NEXPERIA-BUK952R3-40E Datasheet
337Kb / 14P
N-channel TrenchMOS logic level FET
BUK954R4-80E NEXPERIA-BUK954R4-80E Datasheet
338Kb / 14P
N-channel TrenchMOS logic level FET
BUK961R7-40E NEXPERIA-BUK961R7-40E Datasheet
334Kb / 14P
N-channel TrenchMOS logic level FET
BUK962R8-60E NEXPERIA-BUK962R8-60E Datasheet
723Kb / 13P
N-channel TrenchMOS logic level FET
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com