Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G00 Datasheet (PDF) - Diodes Incorporated

74LVC1G00 Datasheet PDF - Diodes Incorporated
Part # 74LVC1G00
Download  74LVC1G00 Download
File Size   199.81 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE NAND GATE

74LVC1G00 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G00 Datasheet PDF - Diodes Incorporated

Part # 74LVC1G00
Download  74LVC1G00 Click to download

File Size   199.81 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE NAND GATE

74LVC1G00 Datasheet (HTML) - Diodes Incorporated


74LVC1G00 Product details

Description

The 74LVC1G00 is a single 2-input positive NAND gate with a standard totem pole output. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down.



Features

• Wide Supply Voltage Range from 1.65 to 5.5V

• ± 24mA Output Drive at 3.3V

• CMOS low power consumption

• IOFF Supports Partial-Power-Down Mode Operation

• Inputs accept up to 5.5V

• ESD Protection Exceeds JESD 22

• 200-V Machine Model (A115-A)

• 2000-V Human Body Model (A114-A)

• Latch-Up Exceeds 100mA per JESD 78, Class II

• Range of Package Options

• Direct Interface with TTL Levels

• SOT25 and SOT353: Assembled with “Green” Molding Compound (no Br, Sb)

• Lead Free Finish/ RoHS Compliant



Applications

• Voltage Level Shifting

• General Purpose Logic

• Power Down Signal Isolation

• Wide array of products such as.

• PCs, networking, notebooks, netbooks, PDAs

• Computer peripherals, hard drives, CD/DVD ROM

• TV, DVD, DVR, set top box

• Cell Phones, Personal Navigation / GPS

• MP3 players ,Cameras, Video Recorders




Similar Part No. - 74LVC1G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
Single 2-input NAND gate
2004 Sep 07
74LVC1G00 NXP-74LVC1G00 Datasheet
87Kb / 14P
Single 2-input NAND gate
Rev. 07-17 July 2007
logo
Diodes Incorporated
74LVC1G00 DIODES-74LVC1G00 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G00 NXP-74LVC1G00 Datasheet
425Kb / 17P
Single 2-input NAND gate
Rev. 8-20 October 2010
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
123Kb / 17P
Single 2-input NAND gate
Rev. 9-7 December 2011
More results


Similar Description - 74LVC1G00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
SINGLE 2 INPUT POSITIVE NAND GATE
Rev 1
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
SINGLE 2 INPUT POSITIVE NAND GATE
Rev 2
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
Single 2-Input Positive-NAND Gate
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com