| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PDTD123E
|
68Kb / 10P |
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-8 April 2005 |
|
PDTC143X
|
86Kb / 12P |
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005 |
|
PDTD113ZT
|
71Kb / 9P |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009 |
|
PIMC31
|
113Kb / 13P |
500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-24 March 2009 |
|
PDTD113ZT
|
71Kb / 9P |
NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009 |
|
PDTD113ZT
|
71Kb / 9P |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009 |
|
PEMH24_PUMH24
|
66Kb / 9P |
NPN/NPN resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 04-18 May 2005 |
 Nexperia B.V. All right... |
PDTC114T_SER
|
586Kb / 11P |
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006 |
|
PIMN31
|
209Kb / 12P |
500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 19 June 2007 |
|
PIMC31
|
228Kb / 14P |
500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 24 March 2009 |