Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCP330 Datasheet (PDF) - Zetex Semiconductors

ZXCP330 Datasheet PDF - Zetex Semiconductors
Part # ZXCP330
Download  ZXCP330 Download
File Size   341.71 Kbytes
Page   9 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SWITCHED CAPACITOR DC-DC CONVERTER

ZXCP330 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXCP330 Datasheet PDF - Zetex Semiconductors

Part # ZXCP330
Download  ZXCP330 Click to download

File Size   341.71 Kbytes
Page   9 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SWITCHED CAPACITOR DC-DC CONVERTER

ZXCP330 Datasheet (HTML) - Zetex Semiconductors


ZXCP330 Product details

DEVICE DESCRIPTION
The ZXCP330 is the first in a series of switched capacitor DC to DC converters, converting an input voltage from between 2 volts and 4.4 volts to a regulated output voltage of 3.3V with a maximum load current of 40mA. The device operates with one flying capacitor and two small bypass capacitors at input and output making for a very small solution. Very low quiescent current makes these devices ideal for low power and battery powered applications.

FEATURES
• Very low power: IQ = 20µA
• Regulated output voltage: 3.3V, ± 4%
• Output current: 20mA at VIN = 2V
• Output current: 40mA at VIN = 2.5V
• No inductors required
• Very low shutdown current: <1µA
• Short circuit and over-temp protected
• Very small package: SOT23-6 pin

APPLICATIONS
• Battery backup supplies
• Smart card readers
• Li-Ion battery backup supplies
• SIM interface supplies for cellular phones
• Hand held computers




Similar Part No. - ZXCP330

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ZXC COILCRAFT-ZXC Datasheet
137Kb / 2P
Z-Axis RFID Transponder Coils ??ZXC
ZXC-116XJLB COILCRAFT-ZXC-116XJLB Datasheet
137Kb / 2P
Z-Axis RFID Transponder Coils ??ZXC
ZXC-116XJLC COILCRAFT-ZXC-116XJLC Datasheet
137Kb / 2P
Z-Axis RFID Transponder Coils ??ZXC
ZXC-116XJLD COILCRAFT-ZXC-116XJLD Datasheet
137Kb / 2P
Z-Axis RFID Transponder Coils ??ZXC
ZXC-156XJLB COILCRAFT-ZXC-156XJLB Datasheet
137Kb / 2P
Z-Axis RFID Transponder Coils ??ZXC
More results


Similar Description - ZXCP330

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM3354-37 NSC-LM3354-37 Datasheet
356Kb / 11P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
REG711 TI-REG711 Datasheet
181Kb / 10P
50mA SWITCHED-CAP DC/DC CONVERTER
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
50mA SWITCHED-CAP DC/DC CONVERTER
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
REG711 TI1-REG711_16 Datasheet
737Kb / 13P
50mA SWITCHED-CAP DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com