Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFV202 Datasheet (PDF) - Zetex Semiconductors

ZXFV202 Datasheet PDF - Zetex Semiconductors
Part # ZXFV202
Download  ZXFV202 Download
File Size   34.27 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Video Amplifier

ZXFV202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXFV202 Datasheet PDF - Zetex Semiconductors

Part # ZXFV202
Download  ZXFV202 Click to download

File Size   34.27 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Video Amplifier

ZXFV202 Datasheet (HTML) - Zetex Semiconductors


ZXFV202 Product details

Device description
The ZXFV201, ZXFV202, ZXFV203 and ZXFV204 are quad, single, triple and dual, respectively, high speed amplifiers designed for video and other high speed applications.

Features
• High speed
• Gain of 1 - 3dB bandwidth 210MHz
• Slew rate 380V/µs
• Good video
• 25 MHz 0.1dB bandwidth
• Differential gain 0.04%
• Differential phase 0.04°
• 40mA output current @ 3V Output
• Characterized up to 300pF load
• ±5 Volt supply operation
• Supply current 7.5mA per amplifier

Applications
• Industry standard pinouts
• Video gain stages
• CCTV buffer
• Video distribution
• RGB buffering
• Home theater
• High speed ADC signal input drive
• Cable driving




Similar Part No. - ZXFV202

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV202 ZETEX-ZXFV202 Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV202 ZETEX-ZXFV202 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV202E5TA ZETEX-ZXFV202E5TA Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV202E5TA ZETEX-ZXFV202E5TA Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV202E5TD ZETEX-ZXFV202E5TD Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
More results


Similar Description - ZXFV202

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
VIDEO AMPLIFIER
logo
NXP Semiconductors
NE5592 PHILIPS-NE5592 Datasheet
63Kb / 6P
Video amplifier
1987 Oct 20
NE592 PHILIPS-NE592 Datasheet
141Kb / 8P
Video amplifier
April 15, 1992
logo
Mitsumi Electronics, Co...
MM1002 MITSUMI-MM1002 Datasheet
104Kb / 6P
Video Amplifier
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
logo
ON Semiconductor
NE592 ONSEMI-NE592 Datasheet
173Kb / 12P
Video Amplifier
October, 2006 ??Rev. 4
logo
Agamem Microelectronic ...
AA8500AP AGAMEM-AA8500AP Datasheet
160Kb / 5P
VIDEO AMPLIFIER
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
VIDEO AMPLIFIER
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
VIDEO AMPLIFIER
logo
ON Semiconductor
NE592 ONSEMI-NE592_16 Datasheet
102Kb / 10P
Video Amplifier
March, 2016 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com