Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2010AEB Datasheet (PDF) - NXP Semiconductors

PMEG2010AEB Datasheet PDF - NXP Semiconductors
Part # PMEG2010AEB
Download  PMEG2010AEB Download
File Size   114.67 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package

PMEG2010AEB Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2010AEB Datasheet PDF - NXP Semiconductors

Part # PMEG2010AEB
Download  PMEG2010AEB Click to download

File Size   114.67 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package

PMEG2010AEB Datasheet (HTML) - NXP Semiconductors


PMEG2010AEB Product details

DESCRIPTION
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in a SOD523 (SC-79) ultra small plastic SMD package.

FEATURES
• Forward current: 1.0 A
• Reverse voltage: 20 V
• Ultra low forward voltage
• Ultra small SMD package.

APPLICATIONS
• Low voltage rectification
• High efficiency DC/DC conversion
• Voltage clamping
• Inverse-polarity protection
• Low power consumption applications.




Similar Part No. - PMEG2010AEB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010AEB PHILIPS-PMEG2010AEB Datasheet
57Kb / 8P
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
logo
Nexperia B.V. All right...
PMEG2010AEB NEXPERIA-PMEG2010AEB Datasheet
208Kb / 8P
20 V, 1 A low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG2010AEB-Q NEXPERIA-PMEG2010AEB-Q Datasheet
182Kb / 10P
20 V, 1 A low VF MEGA Schottky barrier rectifier
25 October 2021
logo
Microchip Technology
PMEG2010AEB115 MICROCHIP-PMEG2010AEB115 Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
NXP Semiconductors
PMEG2010AEB PHILIPS-PMEG2010AEB_15 Datasheet
114Kb / 8P
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
More results


Similar Description - PMEG2010AEB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010AEB PHILIPS-PMEG2010AEB Datasheet
57Kb / 8P
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2010AEJ NXP-PMEG2010AEJ Datasheet
111Kb / 9P
20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03-15 January 2010
PMEG4002EB NXP-PMEG4002EB Datasheet
102Kb / 8P
0.2 A very low VF MEGA Schottky barrier rectifier in SOD523 package
Rev. 02-13 January 2010
PMEG2010EPK PHILIPS-PMEG2010EPK Datasheet
1Mb / 13P
20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 January 2012
PMEG2010AEB PHILIPS-PMEG2010AEB_15 Datasheet
114Kb / 8P
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2010AEJ PHILIPS-PMEG2010AEJ_15 Datasheet
111Kb / 9P
20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03-15 January 2010
PMEG2010EPAS PHILIPS-PMEG2010EPAS_15 Datasheet
231Kb / 15P
20 V, 1 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG2010EPAS NEXPERIA-PMEG2010EPAS Datasheet
713Kb / 15P
20 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
PMEG2010AEJ NEXPERIA-PMEG2010AEJ Datasheet
645Kb / 9P
20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03 - 15 January 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com