Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXM64P035L3 Datasheet (PDF) - Zetex Semiconductors

ZXM64P035L3 Datasheet PDF - Zetex Semiconductors
Part # ZXM64P035L3
Download  ZXM64P035L3 Download
File Size   97.53 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 35V P-CHANNEL ENHANCEMENT MODE MOSFET

ZXM64P035L3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXM64P035L3 Datasheet PDF - Zetex Semiconductors

Part # ZXM64P035L3
Download  ZXM64P035L3 Click to download

File Size   97.53 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 35V P-CHANNEL ENHANCEMENT MODE MOSFET

ZXM64P035L3 Datasheet (HTML) - Zetex Semiconductors


ZXM64P035L3 Product details

SUMMARY

V(BR)DSS = -35V: RDS(on) = 0.075 : ID = -12A



DESCRIPTION

This new generation of high cell density planar MOSFETs from Zetex utilises a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage, power management applications.



FEATURES

Low on-resistance

Fast switching speed

Low threshold

Low gate drive

TO220 package



APPLICATIONS

100W Class D Audio Output Stage

Motor Control




Similar Part No. - ZXM64P035L3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXM64P035L3 DIODES-ZXM64P035L3 Datasheet
112Kb / 4P
35V P-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
logo
VBsemi Electronics Co.,...
ZXM64P035L3 VBSEMI-ZXM64P035L3 Datasheet
955Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
ZXM64P035L3 ISC-ZXM64P035L3 Datasheet
349Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - ZXM64P035L3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64N035G ZETEX-ZXM64N035G Datasheet
101Kb / 4P
35V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035L3 ZETEX-ZXM64N035L3 Datasheet
99Kb / 4P
35V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P035G ZETEX-ZXM64P035G Datasheet
101Kb / 4P
35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FDD6637 FAIRCHILD-FDD6637 Datasheet
111Kb / 7P
35V P-Channel PowerTrench-R MOSFET
FDD6637 FAIRCHILD-FDD6637_06 Datasheet
119Kb / 8P
35V P-Channel PowerTrench MOSFET
logo
Zetex Semiconductors
ZXM64N035G ZETEX-ZXM64N035G_04 Datasheet
63Kb / 4P
35V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035L3 ZETEX-ZXM64N035L3_04 Datasheet
64Kb / 4P
35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64N035L3 DIODES-ZXM64N035L3 Datasheet
71Kb / 4P
35V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXM64P035L3 DIODES-ZXM64P035L3 Datasheet
112Kb / 4P
35V P-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXM64N035G DIODES-ZXM64N035G Datasheet
76Kb / 4P
35V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com