Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD5203 Datasheet (PDF) - Analog Devices

ADD5203 Datasheet PDF - Analog Devices
Part # ADD5203
Download  ADD5203 Download
File Size   1209.25 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications

ADD5203 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD5203 Datasheet PDF - Analog Devices

Part # ADD5203
Download  ADD5203 Click to download

File Size   1209.25 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications

ADD5203 Datasheet (HTML) - Analog Devices


ADD5203 Product details

GENERAL DESCRIPTION
The ADD5203 is a white LED driver for backlight applications based on high efficiency, current-mode, step-up converter technology. It is designed with a 0.15 Ω, 2.9 A internal switch and a pin-adjustable operating frequency between 350 kHz and 1 MHz.

FEATURES
   White LED driver based on inductive boost converter
      Integrated 50 V MOSFET with 2.9 A peak current limit
      Input voltage range: 6 V to 21 V
      Maximum output adjustable up to 45 V
      350 kHz to 1 MHz adjustable operating frequency
      Overvoltage protection (OVP) up to typical 47.5 V
      Built-in soft start for boost converter
   Drives up to eight LED current strings
      LED current adjustable up to 30 mA for each channel
      Headroom control to maximize efficiency
      Adjustable dimming frequency: 200 Hz to 10 kHz
      LED open and short fault protection
   Selectable dimming control interface methods
      PWM input
      SMBus serial input
   Selectable dimming modes
      Fixed delay PWM dimming control with 8-bit resolution
      No delay PWM dimming control with 8-bit resolution
      Direct PWM dimming control
      DC current dimming control with 8-bit resolution
   General
      Thermal shutdown
      Undervoltage lockout
      28-lead, 4 mm × 4 mm × 0.75 mm LFCSP_WQ
 
APPLICATIONS
   Notebook PCs, UMPCs, and monitor displays




Similar Part No. - ADD5203

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5205ACPZ-RL AD-ADD5205ACPZ-RL Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
ADD5207ACPZ-RL AD-ADD5207ACPZ-RL Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
More results


Similar Description - ADD5203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8790 MAXIM-MAX8790 Datasheet
456Kb / 24P
Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 11/06
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX8790A MAXIM-MAX8790A Datasheet
430Kb / 23P
Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 10/07
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com