Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510 Datasheet (PDF) - Analog Devices

ADRF6510 Datasheet PDF - Analog Devices
Part # ADRF6510
Download  ADRF6510 Download
File Size   563.82 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 MHz Dual Programmable Filters and Variable Gain Amplifiers

ADRF6510 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF6510 Datasheet PDF - Analog Devices

Part # ADRF6510
Download  ADRF6510 Click to download

File Size   563.82 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 MHz Dual Programmable Filters and Variable Gain Amplifiers

ADRF6510 Datasheet (HTML) - Analog Devices


ADRF6510 Product details

GENERAL DESCRIPTION
The ADRF6510 is a matched pair of fully differential low noise and low distortion programmable filters and variable gain amplifiers (VGAs). Each channel is capable of rejecting large out-ofband interferers while reliably boosting the wanted signal, thus reducing the bandwidth and resolution requirements on the analog-to-digital converters (ADCs). The excellent matching between channels and their high spurious-free dynamic range over all gain and bandwidth settings make the ADRF6510 ideal for quadrature-based (IQ) communication systems with dense constellations, multiple carriers, and nearby interferers.

FEATURES
    Matched pair of programmable filters and VGAs
    Continuous gain control range: −5 dB to +45 dB
    6-pole filter
        1 MHz to 30 MHz in 1 MHz steps, 0.5 dB corner frequency
        SPI programmable
    6 dB front-end gain step
    IMD3: >55 dBc for 1.5 V p-p composite output
    HD2, HD3: >60 dBc for 1.5 V p-p output
    Differential input and output
    Adjustable output common-mode voltage
    Optional dc output offset correction
    Power-down feature
    Single 5 V supply operation

APPLICATIONS
    Baseband I/Q receivers
    Diversity receivers
    ADC drivers




Similar Part No. - ADRF6510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6510 AD-ADRF6510 Datasheet
199Kb / 6P
An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
ADRF6510 AD-ADRF6510 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
ADRF6510-EVALZ AD-ADRF6510-EVALZ Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
ADRF6510ACPZ-R7 AD-ADRF6510ACPZ-R7 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
More results


Similar Description - ADRF6510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7001 TI-THS7001 Datasheet
597Kb / 32P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
AD600 AD-AD600_06 Datasheet
588Kb / 28P
Dual, Low Noise, Wideband Variable Gain Amplifiers
1/06-Rev. D to Rev. E
ADRF6516 AD-ADRF6516 Datasheet
1Mb / 32P
31 MHz, Dual Programmable Filters
REV. B
ADRF6518 AD-ADRF6518 Datasheet
1Mb / 36P
63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Rev. PrA
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
logo
Texas Instruments
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
Dual Programmable Filters and Variable Gain Amplifiers
8/2017-Rev. B to Rev. C
ADRF6518 AD-ADRF6518_17 Datasheet
1Mb / 39P
1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
12/2017-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com