Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN5R6-100PS Datasheet (PDF) - NXP Semiconductors

PSMN5R6-100PS Datasheet PDF - NXP Semiconductors
Part # PSMN5R6-100PS
Download  PSMN5R6-100PS Download
File Size   213.87 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 100 V 5.6 m廓 standard level MOSFET

PSMN5R6-100PS Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN5R6-100PS Datasheet PDF - NXP Semiconductors

Part # PSMN5R6-100PS
Download  PSMN5R6-100PS Click to download

File Size   213.87 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 100 V 5.6 m廓 standard level MOSFET

PSMN5R6-100PS Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PSMN5R6-100PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN5R6-100PS PHILIPS-PSMN5R6-100PS Datasheet
237Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
logo
Nexperia B.V. All right...
PSMN5R6-100PS NEXPERIA-PSMN5R6-100PS Datasheet
739Kb / 13P
N-channel 100 V 5.6 mΩ standard level MOSFET in TO220
30 November 2012
logo
Inchange Semiconductor ...
PSMN5R6-100PS ISC-PSMN5R6-100PS Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
PSMN5R6-100PS PHILIPS-PSMN5R6-100PS_15 Datasheet
237Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
More results


Similar Description - PSMN5R6-100PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN039-100YS NXP-PSMN039-100YS Datasheet
245Kb / 15P
N-channel LFPAK 100 V 39.5 m廓 standard level MOSFET
Rev. 02-2 April 2010
PSMN069-100YS PHILIPS-PSMN069-100YS Datasheet
232Kb / 15P
N-channel LFPAK 100 V 72.4 m廓 standard level MOSFET
Rev. 02-25 October 2010
BUK7K5R6-30E PHILIPS-BUK7K5R6-30E_15 Datasheet
312Kb / 13P
Dual N-channel 30 V, 5.6 m廓 standard level MOSFET
6 November 2013
PSMN5R6-100PS PHILIPS-PSMN5R6-100PS_15 Datasheet
237Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
logo
Nexperia B.V. All right...
PSMN5R6-100XS NEXPERIA-PSMN5R6-100XS Datasheet
364Kb / 16P
N-channel 100V 5.6 m廓 standard level MOSFET in TO220F(SOT186A)
BUK7K29-100E NEXPERIA-BUK7K29-100E Datasheet
719Kb / 13P
Dual N-channel 100 V, 24.5 m廓 standard level MOSFET
BUK7K32-100E NEXPERIA-BUK7K32-100E Datasheet
718Kb / 13P
Dual N-channel 100 V, 27.5 m廓 standard level MOSFET
BUK7K45-100E NEXPERIA-BUK7K45-100E Datasheet
722Kb / 13P
Dual N-channel 100 V, 37.6 m廓 standard level MOSFET
BUK7K5R6-30E NEXPERIA-BUK7K5R6-30E Datasheet
744Kb / 13P
Dual N-channel 30 V, 5.6 m廓 standard level MOSFET
BUK7K134-100E NEXPERIA-BUK7K134-100E Datasheet
719Kb / 13P
Dual N-channel 100 V, 121 m廓 standard level MOSFET
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com