Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8A07-H Datasheet (PDF) - Toshiba Semiconductor

TPC8A07-H Datasheet PDF - Toshiba Semiconductor
Part # TPC8A07-H
Download  TPC8A07-H Download
File Size   283.45 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications

TPC8A07-H Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8A07-H Datasheet PDF - Toshiba Semiconductor

Part # TPC8A07-H
Download  TPC8A07-H Click to download

File Size   283.45 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications

TPC8A07-H Datasheet (HTML) - Toshiba Semiconductor


TPC8A07-H Product details

High Efficiency DC-DC Converter Applications
Notebook PC Applications
Portable-Equipment Applications

• Small footprint due to a small and thin package
• High-speed switching
• Small gate charge: (Q1) QSW = 3.4 nC (typ.)
                                 (Q2) QSW = 3.6 nC (typ.)
• Low drain-source ON-resistance: (Q1) RDS (ON) = 21 mΩ (typ.)
                                                        (Q2) RDS (ON) = 14 mΩ (typ.)
• Low leakage current: (Q1) IDSS = 10 μA (max) (VDS = 30 V)
                                     (Q2) IDSS =100μA (max) (VDS = 30 V)
• Enhancement mode: (Q1) Vth = 1.5 to 2.5 V (VDS = 10 V, ID = 1.0 mA)
                                     (Q2) Vth = 1.3 to 2.3 V (VDS = 10 V, ID = 1.0 mA)




Similar Part No. - TPC8A07-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
01-Jun-2010
More results


Similar Description - TPC8A07-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
16-Nov-2006
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8018-H TOSHIBA-TPC8018-H Datasheet
475Kb / 7P
High-Speed and High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPCP8005-H TOSHIBA-TPCP8005-H Datasheet
217Kb / 7P
High-Effciency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com