Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXT2222A Datasheet (PDF) - NXP Semiconductors

PXT2222A Datasheet PDF - NXP Semiconductors
Part # PXT2222A
Download  PXT2222A Download
File Size   157.67 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN switching transistor

PXT2222A Datasheet (PDF)

Go To PDF Page Download Datasheet
PXT2222A Datasheet PDF - NXP Semiconductors

Part # PXT2222A
Download  PXT2222A Click to download

File Size   157.67 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN switching transistor

PXT2222A Datasheet (HTML) - NXP Semiconductors


PXT2222A Product details

DESCRIPTION

NPN switching transistor in a SOT89 plastic package.

PNP complement: PXT2907A.



FEATURES

• High current (max. 600 mA)

• Low voltage (max. 40 V).



APPLICATIONS

• General purpose switching and linear amplification.



 




Similar Part No. - PXT2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXT2222A PHILIPS-PXT2222A Datasheet
44Kb / 8P
NPN switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PXT2222A KEXIN-PXT2222A Datasheet
60Kb / 2P
NPN Switching Transistor
logo
Micro Commercial Compon...
PXT2222A MCC-PXT2222A Datasheet
181Kb / 2P
0.5W NPN General Purpose Amplifier
logo
Shenzhen Jin Yu Semicon...
PXT2222A HTSEMI-PXT2222A Datasheet
789Kb / 2P
TRANSISTOR (NPN)
logo
WILLAS ELECTRONIC CORP
PXT2222A WILLAS-PXT2222A Datasheet
457Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
More results


Similar Description - PXT2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
NPN Switching Transistor
logo
Solid States Devices, I...
SFT6800S.5 SSDI-SFT6800S.5_1 Datasheet
94Kb / 2P
NPN switching Transistor
logo
Galaxy Semi-Conductor H...
MMBT2222AT BILIN-MMBT2222AT Datasheet
184Kb / 4P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT2222AT-SOT-523 LUGUANG-MMBT2222AT-SOT-523 Datasheet
1Mb / 4P
NPN SWITCHING TRANSISTOR
logo
TT Electronics.
2N2369A TTELEC-2N2369A Datasheet
233Kb / 3P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT3904 LUGUANG-MMBT3904 Datasheet
1Mb / 3P
NPN SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com