Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXT2907A Datasheet (PDF) - NXP Semiconductors

PXT2907A Datasheet PDF - NXP Semiconductors
Part # PXT2907A
Download  PXT2907A Download
File Size   152.93 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP switching transistor

PXT2907A Datasheet (PDF)

Go To PDF Page Download Datasheet
PXT2907A Datasheet PDF - NXP Semiconductors

Part # PXT2907A
Download  PXT2907A Click to download

File Size   152.93 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP switching transistor

PXT2907A Datasheet (HTML) - NXP Semiconductors


PXT2907A Product details

General description
PNP switching transistor in a medium power flat lead SOT89 (SC-62/TO-243) Surface Mounted Device (SMD) plastic package.
NPN complement: PXT2222A

Features and benefits
• High current: max. 600 mA
• Low voltage: max. 60 V
• AEC-Q101 qualified

Applications
• Switching and linear amplification




Similar Part No. - PXT2907A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXT2907A PHILIPS-PXT2907A Datasheet
44Kb / 8P
PNP switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
PNP Switching Transistor
logo
Micro Commercial Compon...
PXT2907A MCC-PXT2907A Datasheet
189Kb / 2P
0.5W PNP General Purpose Amplifier
logo
Shenzhen Jin Yu Semicon...
PXT2907A HTSEMI-PXT2907A Datasheet
275Kb / 1P
TRANSISTOR(PNP)
logo
GUANGDONG HOTTECH INDUS...
PXT2907A HOTTECH-PXT2907A Datasheet
267Kb / 2P
Plastic-Encapsulate Transistors
More results


Similar Description - PXT2907A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 22
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
PNP switching transistor
1999 May 10
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
PNP Switching Transistor
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
PNP Switching Transistor
logo
NXP Semiconductors
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
PNP switching transistor
2004 Jan 21
logo
AiT Semiconductor Inc.
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com