Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IS602 Datasheet (PDF) - NXP Semiconductors

SC18IS602 Datasheet PDF - NXP Semiconductors
Part # SC18IS602
Download  SC18IS602 Download
File Size   140.1 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I2C-bus to SPI bridge

SC18IS602 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC18IS602 Datasheet PDF - NXP Semiconductors

Part # SC18IS602
Download  SC18IS602 Click to download

File Size   140.1 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I2C-bus to SPI bridge

SC18IS602 Datasheet (HTML) - NXP Semiconductors


SC18IS602 Product details

General description
The SC18IS602/602B and SC18IS603 are designed to serve as an interface between a standard I2C-bus of a microcontroller and an SPI bus. This allows the microcontroller to communicate directly with SPI devices through its I2C-bus. The SC18IS602/602B/603 operates as an I2C-bus slave-transmitter or slave-receiver and an SPI master. The SC18IS602/602B/603 controls all the SPI bus-specific sequences, protocol, and timing.

Features
■ I2C-bus slave interface operating up to 400 kHz
■ SPI master operating up to 1.8 Mbit/s (SC18IS602/602B) or 4 Mbit/s (SC18IS603)
■ 200-byte data buffer
■ Up to four slave select outputs
■ Up to four programmable I/O pins
■ Operating supply voltage: 2.4 V to 3.6 V
■ Low power mode
■ Internal oscillator option
■ Active LOW interrupt output
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 that exceeds 100 mA
■ Very small 16-pin TSSOP

Applications
■ Converting I2C-bus to SPI
■ Adding additional SPI bus controllers to an existing system




Similar Part No. - SC18IS602

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS602 NXP-SC18IS602 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
SC18IS602B NXP-SC18IS602B Datasheet
217Kb / 25P
I2C-bus to SPI bridge
Rev. 5-3 August 2010
SC18IS602B NXP-SC18IS602B Datasheet
250Kb / 25P
I2C-bus to SPI bridge
Rev. 7-21 October 2019
SC18IS602BIPW NXP-SC18IS602BIPW Datasheet
217Kb / 25P
I2C-bus to SPI bridge
Rev. 5-3 August 2010
SC18IS602BIPW/S8 NXP-SC18IS602BIPW/S8 Datasheet
250Kb / 25P
I2C-bus to SPI bridge
Rev. 7-21 October 2019
More results


Similar Description - SC18IS602

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
I2C-bus to SPI bridge
Rev. 5-3 August 2010
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
Parallel bus to I2C-bus controller
2006 Sep 01
logo
Epson Company
RX6110SA EPSON-RX6110SA Datasheet
302Kb / 2P
REAL TIME CLOCK MODULE (SPI & I2C-Bus)
logo
Maxim Integrated Produc...
DS28E18 MAXIM-DS28E18 Datasheet
1Mb / 70P
1-Wire짰 to I2C/SPI Bridge with Command Sequencer
2020
logo
NXP Semiconductors
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
UART to I2C-bus bridge
Rev.1.0-22 September 2021
SC18IS604 NXP-SC18IS604 Datasheet
503Kb / 29P
SPI to I2C-bus bridge
Rev.1.0-22 September 2021
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS602B NXP-SC18IS602B Datasheet
250Kb / 25P
I2C-bus to SPI bridge
Rev. 7-21 October 2019
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com