Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3664TT Datasheet (PDF) - NXP Semiconductors

TDA3664TT Datasheet PDF - NXP Semiconductors
Part # TDA3664TT
Download  TDA3664TT Download
File Size   98.39 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Very low dropout voltage/quiescent current 5 V voltage regulator

TDA3664TT Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA3664TT Datasheet PDF - NXP Semiconductors

Part # TDA3664TT
Download  TDA3664TT Click to download

File Size   98.39 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Very low dropout voltage/quiescent current 5 V voltage regulator

TDA3664TT Datasheet (HTML) - NXP Semiconductors


TDA3664TT Product details

General description

The TDA3664 is a fixed voltage regulator with very low dropout voltage/quiescent current, which operates over a wide supply voltage range.

The regulator is available as:

• TDA3664: SO4 package

• TDA3664AT: SO8 package

• TDA3664TT: TSSOP8 package



Features

■ Fixed 5 V, 100 mA regulator

■ Supply voltage range up to 45 V

■ Very low quiescent current of 15 µA (typical value)

■ Very low dropout voltage

■ High ripple rejection

■ Protections:

  ◆ Reverse polarity safe (down to −25 V without high reverse current)

  ◆ Negative transient of 50 V (RS = 10 Ω; t < 100 ms)

  ◆ Able to withstand voltages up to 18 V at the output (supply line may be short-circuited)

  ◆ ESD protection on all pins

  ◆ DC short-circuit safe to ground and VP of the regulator output

  ◆ Temperature protection (Tj > 150 °C)




Similar Part No. - TDA3664TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3664T PHILIPS-TDA3664T Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
More results


Similar Description - TDA3664TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3668AT PHILIPS-TDA3668AT Datasheet
84Kb / 16P
Very low dropout voltage/quiescent current 5 V regulator with overvoltage switch off
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com