Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9901TS Datasheet (PDF) - NXP Semiconductors

TDA9901TS Datasheet PDF - NXP Semiconductors
Part # TDA9901TS
Download  TDA9901TS Download
File Size   102.46 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Wideband differential digital controlled variable gain amplifier

TDA9901TS Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9901TS Datasheet PDF - NXP Semiconductors

Part # TDA9901TS
Download  TDA9901TS Click to download

File Size   102.46 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Wideband differential digital controlled variable gain amplifier

TDA9901TS Datasheet (HTML) - NXP Semiconductors


TDA9901TS Product details

General description
The TDA9901 is a wideband, low-noise amplifier with differential inputs and outputs. The TDA9901 incorporates an Automatic Gain Control (AGC) function with digital control. The TDA9901 is optimized for fast switching between different gain settings, preserving small phase and amplitude error.

Features
■ 130 MHz, −3 dB small signal bandwidth
■ Digitally controlled gain
■ Transistor-Transistor Logic (TTL) and CMOS compatible digital inputs (3.3 V or 5 V)
■ TTL single-ended or differential clock input with Positive Emitter-Coupled Logic (PECL) compatibility
■ 24 dB gain control range
■ Four steps of 6 dB plus 6 dB fixed gain
■ 30 dB gain maximum
■ High impedance differential inputs
■ Low impedance differential inputs
■ High power supply rejection
■ 125 nV/√Hz output voltage noise density at 30 dB gain
■ Fast gain settling
■ Dual control modes: transparent or latched

Applications
■ Linear AGC systems
■ Wireless infrastructure
■ Fixed network
■ Instrumentation
■ Multipurpose amplifier
■ Driver for differential ADCs (e.g. ADC1206S040/055/070 and ADC1006055/070)




Similar Part No. - TDA9901TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9901TS PHILIPS-TDA9901TS Datasheet
90Kb / 20P
Wideband differential digital controlled variable gain amplifier
1999 Oct 08
More results


Similar Description - TDA9901TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33 MINI-DVGA2-33 Datasheet
602Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
Digital Controlled Variable Gain Amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com