Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT11N20DF Datasheet (PDF) - Zetex Semiconductors

ZXT11N20DF Datasheet PDF - Zetex Semiconductors
Part # ZXT11N20DF
Download  ZXT11N20DF Download
File Size   407.08 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 20V NPN SILICON LOW SATURATION TRANSISTOR

ZXT11N20DF Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT11N20DF Datasheet PDF - Zetex Semiconductors

Part # ZXT11N20DF
Download  ZXT11N20DF Click to download

File Size   407.08 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 20V NPN SILICON LOW SATURATION TRANSISTOR

ZXT11N20DF Datasheet (HTML) - Zetex Semiconductors


ZXT11N20DF Product details

DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 5A
• IC=2.5A Continuous Collector Current
• SOT23 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Similar Part No. - ZXT11N20DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT11N20DF DIODES-ZXT11N20DF Datasheet
417Kb / 6P
20V NPN SILICON LOW SATURATION TRANSISTOR
DECEMBER 1999
ZXT11N20DFTA DIODES-ZXT11N20DFTA Datasheet
417Kb / 6P
20V NPN SILICON LOW SATURATION TRANSISTOR
DECEMBER 1999
ZXT11N20DFTC DIODES-ZXT11N20DFTC Datasheet
417Kb / 6P
20V NPN SILICON LOW SATURATION TRANSISTOR
DECEMBER 1999
More results


Similar Description - ZXT11N20DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N20DE6 ZETEX-ZXT10N20DE6 Datasheet
230Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX ZETEX-ZXT14N20DX Datasheet
262Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13N20DE6 ZETEX-ZXT13N20DE6 Datasheet
432Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10N20DE6 DIODES-ZXT10N20DE6 Datasheet
243Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT11N20DF DIODES-ZXT11N20DF Datasheet
417Kb / 6P
20V NPN SILICON LOW SATURATION TRANSISTOR
DECEMBER 1999
ZXT13N20DE6 DIODES-ZXT13N20DE6 Datasheet
442Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTN618MA DIODES-ZXTN618MA Datasheet
164Kb / 7P
20V NPN LOW SATURATION TRANSISTOR
Rev 4
ZXTBM322 DIODES-ZXTBM322 Datasheet
391Kb / 6P
20V NPN LOW SATURATION TRANSISTOR
JUNE 2002
ZXT14N20DX DIODES-ZXT14N20DX Datasheet
267Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXTN618MA DIODES-ZXTN618MA_15 Datasheet
166Kb / 7P
20V NPN LOW SATURATION TRANSISTOR
Rev 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com