Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTD4591E6TA Datasheet (PDF) - Zetex Semiconductors

ZXTD4591E6TA Datasheet PDF - Zetex Semiconductors
Part # ZXTD4591E6TA
Download  ZXTD4591E6TA Download
File Size   161.99 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS

ZXTD4591E6TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTD4591E6TA Datasheet PDF - Zetex Semiconductors

Part # ZXTD4591E6TA
Download  ZXTD4591E6TA Click to download

File Size   161.99 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS

ZXTD4591E6TA Datasheet (HTML) - Zetex Semiconductors


ZXTD4591E6TA Product details

DESCRIPTION
Complementary NPN and PNP medium power transistors packaged in the 6 lead SOT23 package.

FEATURES
• Low Equivalent On Resistance - NPN RCE(sat) 210mΩ at 1A
                                                    - PNP RCE(sat) 355mΩ at -1A
• Low Saturation Voltage
• hFE characterised up to 2A
• IC=1A Continuous Collector Current
• SOT23-6 package

APPLICATIONS
• MOSFET gate driver
• Low Power Motor Drive
• Low Power DC-DC Converters




Similar Part No. - ZXTD4591E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD4591E6TA DIODES-ZXTD4591E6TA Datasheet
174Kb / 7P
DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
JULY 2000
ZXTD4591E6TA DIODES-ZXTD4591E6TA Datasheet
691Kb / 8P
COMPLEMENTARY 60V NPN/PNP MEDIUM POWER TRANSISTORS
Rev 2
More results


Similar Description - ZXTD4591E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDT649 ZETEX-ZDT649 Datasheet
68Kb / 3P
DUAL NPN MEDIUM POWER TRANSISTORS
ZDT651 ZETEX-ZDT651 Datasheet
50Kb / 3P
DUAL NPN MEDIUM POWER TRANSISTORS
ZDT749 ZETEX-ZDT749 Datasheet
61Kb / 3P
DUAL PNP MEDIUM POWER TRANSISTORS
ZDT751 ZETEX-ZDT751 Datasheet
84Kb / 3P
DUAL PNP MEDIUM POWER TRANSISTORS
ZDT758 ZETEX-ZDT758 Datasheet
51Kb / 3P
DUAL PNP MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZXTD4591E6 DIODES-ZXTD4591E6 Datasheet
174Kb / 7P
DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
JULY 2000
logo
New Jersey Semi-Conduct...
2N4898 NJSEMI-2N4898 Datasheet
91Kb / 2P
MEDIUM-POWER PNP SILICON TRANSISTORS
MJE205 NJSEMI-MJE205 Datasheet
78Kb / 2P
MEDIUM-POWER NPN SILICON TRANSISTORS
logo
Diodes Incorporated
ZXTD4591E6 DIODES-ZXTD4591E6_15 Datasheet
174Kb / 7P
DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
JULY 2000
ZXTD4591E6 DIODES-ZXTD4591E6_16 Datasheet
691Kb / 8P
COMPLEMENTARY 60V NPN/PNP MEDIUM POWER TRANSISTORS
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com