Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

501AMLF Datasheet (PDF) - Integrated Device Technology

501AMLF Datasheet PDF - Integrated Device Technology
Part # 501AMLF
Download  501AMLF Download
File Size   176.36 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOCO??PLL CLOCK MULTIPLIER

501AMLF Datasheet (PDF)

Go To PDF Page Download Datasheet
501AMLF Datasheet PDF - Integrated Device Technology

Part # 501AMLF
Download  501AMLF Click to download

File Size   176.36 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOCO??PLL CLOCK MULTIPLIER

501AMLF Datasheet (HTML) - Integrated Device Technology


501AMLF Product details

Description

The ICS501A LOCOTM is the most cost effective way to generate a high quality, high frequency clock output from a lower frequency crystal or clock input. The name LOCO stands for Low Cost Oscillator, as it is designed to replace crystal oscillators in most electronic systems. Using Phase-Locked Loop (PLL) techniques, the device uses a standard fundamental mode, inexpensive crystal to produce output clocks up to 200 MHz.



Features

• Packaged as 8-pin SOIC (Pb-free) or die

• IDT’s lowest cost PLL clock

• Zero ppm multiplication error

• Input crystal frequency of up to 27 MHz

• Input clock frequency of up to 50 MHz

• Output clock frequencies up to 200 MHz

• Extremely low jitter of 25 ps (one sigma)

• Compatible with all popular CPUs

• Duty cycle of 45/55 up to 200 MHz

• Nine selectable frequencies

• Operating voltage of 3.3 V

• Tri-state output for board level testing

• 25 mA drive capability at TTL levels

• Ideal for oscillator replacement

• Optimized for output frequencies of up to 200 MHz (166 MHz maximum for industrial temperature version)

• Industrial temperature version available

• Advanced, low power CMOS process




Similar Part No. - 501AMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
501AMLF IDT-501AMLF Datasheet
85Kb / 6P
LOCO PLL CLOCK MULTIPLIER
501AMLFT IDT-501AMLFT Datasheet
85Kb / 6P
LOCO PLL CLOCK MULTIPLIER
More results


Similar Description - 501AMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com