Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56R26 Datasheet (PDF) - Holtek Semiconductor Inc

HT56R26 Datasheet PDF - Holtek Semiconductor Inc
Part # HT56R26
Download  HT56R26 Download
File Size   739.63 Kbytes
Page   131 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description TinyPowerTM A/D Type 8-Bit OTP MCU with DAC

HT56R26 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT56R26 Datasheet PDF - Holtek Semiconductor Inc

Part # HT56R26
Download  HT56R26 Click to download

File Size   739.63 Kbytes
Page   131 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description TinyPowerTM A/D Type 8-Bit OTP MCU with DAC

HT56R26 Datasheet (HTML) - Holtek Semiconductor Inc


HT56R26 Product details

General Description
These TinyPowerTM A/D Type 8-bit high performance RISC architecture microcontrollers are specifically, designed for applications that interface directly to analog signals. The devices include an integrated multi-channel Analog to Digital Converter, Pulse Width Modulation and and DAC outputs.

Features
CPU Features
• Operating voltage:
   fSYS= 32768Hz: 2.2V~5.5V
   fSYS= 4MHz: 2.2V~5.5V
   fSYS= 8MHz: 3.0V~5.5V
   fSYS= 12MHz: 4.5V~5.5V
• Up to 0.33μs instruction cycle with 12MHz system clock at VDD= 5V
• Idle/Sleep mode and wake-up functions to reduce power consumption
• Oscillator types:
   External 32768Hz Crystal -- LXT
   External RC -- ERC
   Internal 4/8/12MHz RC -- HIRC
   External high frequency crystal -- HXT
   Internal 32kHz RC -- LIRC
• Four operational modes: Normal, Slow, Idle, Sleep
• Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components
• All instructions executed in one or two instruction cycles
• Table read instructions
• 63 powerful instructions
• Up to 12-level subroutine nesting
• Bit manipulation instruction

Peripheral Features
• OTP Program Memory: 2Kx14 ~ 32Kx16
• RAM Data Memory: 128x8 ~ 2304x8 Bits
• Watchdog Timer function
• Up to 50 bidirectional I/O lines
• 8 channel 12-bit ADC
• Up to 4 channel 12-bit PWM
• Software controlled 4-SCOM lines LCD driver with 1/2 bias
• Multiple pin-shared external interrupts
• Up to three 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler
• Up to one 16-bit programmable Timer/Event Counter with overflow interrupt
• Serial Interfaces Module - SIM for SPI or I2C
• Time-Base functions
• Low voltage reset function
• Low voltage detect function
• PFD/Buzzer for audio frequency generation
• 12-bit Audio DAC output
• Wide range of available package types




Similar Part No. - HT56R26

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R26 HOLTEK-HT56R26 Datasheet
718Kb / 127P
TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
December 26, 2014
HT56R26 HOLTEK-HT56R26_12 Datasheet
824Kb / 134P
TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results


Similar Description - HT56R26

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
TinyPowerTM C/R-F Type 8-Bit OTP MCU
June 25, 2009
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
TinyPowerTM A/D Type with LCD 8-Bit MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
March 6, 2013
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
December 26, 2014
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com