Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17040 Datasheet (PDF) - Maxim Integrated Products

MAX17040 Datasheet PDF - Maxim Integrated Products
Part # MAX17040
Download  MAX17040 Download
File Size   349.2 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Compact, Low-Cost 1S/2S Fuel Gauges

MAX17040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17040 Datasheet PDF - Maxim Integrated Products

Part # MAX17040
Download  MAX17040 Click to download

File Size   349.2 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Compact, Low-Cost 1S/2S Fuel Gauges

MAX17040 Datasheet (HTML) - Maxim Integrated Products


MAX17040 Product details

General Description
The MAX17040/MAX17041 are ultra-compact, low-cost, host-side fuel-gauge systems for lithium-ion (Li+) batteries in handheld and portable equipment. The MAX17040 is configured to operate with a single lithium cell and the MAX17041 is configured for a dual-cell 2S pack.

Features
● Host-Side or Battery-Side Fuel Gauging
    • 1 Cell (MAX17040)
    • 2 Cell (MAX17041)
● Precision Voltage Measurement
    • ±12.5mV Accuracy to 5.00V (MAX17040)
    • ±30mV Accuracy to 10.00V (MAX17041)
● Accurate Relative Capacity (RSOC) Calculated from ModelGauge Algorithm
● No Offset Accumulation on Measurement
● No Full-to-Empty Battery Relearning Necessary
● No Sense Resistor Required
● 2-Wire Interface
● Low Power Consumption
● Tiny, Lead(Pb)-Free, 8-Pin, 2mm x 3mm TDFN Package or Tiny 0.4mm Pitch 9-Bump UCSP Package

Applications
● Smartphones, Tablets
● Health and Fitness Monitors
● Medical Devices
● Digital Still, Video, and Action Cameras
● Handheld Computers and Terminals
● Wireless Speakers




Similar Part No. - MAX17040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17040 MAXIM-MAX17040 Datasheet
457Kb / 13P
Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
MAX17040 MAXIM-MAX17040 Datasheet
984Kb / 13P
1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17040G+T MAXIM-MAX17040G+T Datasheet
457Kb / 13P
Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
MAX17040G+T MAXIM-MAX17040G+T Datasheet
984Kb / 13P
1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17040G+U MAXIM-MAX17040G+U Datasheet
457Kb / 13P
Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
More results


Similar Description - MAX17040

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
CMK04B06TH DELTA-CMK04B06TH Datasheet
76Kb / 1P
High performance, Low cost, Compact size
logo
List of Unclassifed Man...
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
Compact, Low-Cost Global Embedded Modem
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17040 MAXIM-MAX17040_11 Datasheet
457Kb / 13P
Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
MAX17043 MAXIM-MAX17043_11 Datasheet
448Kb / 14P
Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 4; 8/11
MAX17043 MAXIM-MAX17043_12 Datasheet
334Kb / 14P
Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
Low Cost & Compact
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
PRESSURE GAUGES
logo
Abracon Corporation
ASVM ABRACON-ASVM Datasheet
3Mb / 3P
Low Cost-Compact QFN Plastic Packaging
04.30.15
logo
STI Vibration Monitorin...
CMCP1300T STI-CMCP1300T Datasheet
613Kb / 2P
Low-Cost Compact Triaxial Accelerometer
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com