Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J46CTB Datasheet (PDF) - Toshiba Semiconductor

SSM3J46CTB Datasheet PDF - Toshiba Semiconductor
Part # SSM3J46CTB
Download  SSM3J46CTB Download
File Size   215.97 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Power Management Switch Applications

SSM3J46CTB Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3J46CTB Datasheet PDF - Toshiba Semiconductor

Part # SSM3J46CTB
Download  SSM3J46CTB Click to download

File Size   215.97 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Power Management Switch Applications

SSM3J46CTB Datasheet (HTML) - Toshiba Semiconductor


SSM3J46CTB Product details

○ Power Management Switch Applications

• 1.5 V drive
• Low ON-resistance: RDS(ON) = 250 mΩ (max) (@VGS = -1.5 V)
                                   RDS(ON) = 178 mΩ (max) (@VGS = -1.8 V)
                                   RDS(ON) = 133 mΩ (max) (@VGS = -2.5 V)
                                   RDS(ON) = 103 mΩ (max) (@VGS = -4.5 V)




Similar Part No. - SSM3J46CTB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J46CTB TOSHIBA-SSM3J46CTB Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
SSM3J46CTB TOSHIBA-SSM3J46CTB_15 Datasheet
262Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS VI)
More results


Similar Description - SSM3J46CTB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J306T TOSHIBA-SSM3J306T Datasheet
168Kb / 6P
Power management switch Applications
SSM3K104TU TOSHIBA-SSM3K104TU Datasheet
144Kb / 5P
Power Management Switch Applications
SSM3K123TU TOSHIBA-SSM3K123TU Datasheet
161Kb / 6P
Power Management Switch Applications
SSM3K302T TOSHIBA-SSM3K302T Datasheet
170Kb / 6P
Power Management Switch Applications
SSM6J412TU TOSHIBA-SSM6J412TU Datasheet
212Kb / 6P
Power Management Switch Applications
SSM6L14FE TOSHIBA-SSM6L14FE Datasheet
240Kb / 9P
Power Management Switch Applications
SSM6P47NU TOSHIBA-SSM6P47NU Datasheet
186Kb / 6P
Power Management Switch Applications
logo
Zhaoxingwei Electronics...
CSD25310Q2 ZHAOXINGWEI-CSD25310Q2 Datasheet
288Kb / 5P
Power Management Switch Applications
logo
Toshiba Semiconductor
SSM6L39TU TOSHIBA-SSM6L39TU Datasheet
266Kb / 9P
Power Management Switch Applications
SSM6L40TU TOSHIBA-SSM6L40TU Datasheet
265Kb / 9P
Power Management Switch Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com